| Zakładka z wyszukiwarką danych komponentów |
|
DEMM2W2P Arkusz danych(PDF) 44 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM2W2P Arkusz danych(HTML) 44 Page - ITT Industries |
|
44 / 62 page ![]() C C-44 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Contact Cavities and Assembly Instructions A Min. Max. .188 (4.78) .208 (5.28) A Assembly Instructions Wire-Stripping – Machine Contacts 1. Cut wires to length. Strip insulation per above illustration. Check for frayed or broken wires. 2. Insert contact and wire into proper crimp tool (and locator, if required). Crimp contact to wire. Inspect crimp. 3. Center wired contact into groove of insertion tool with tool tip butting contact shoulder. Insert contact into cav- ity until a positive stop is felt. Inspect insertion. Contact Crimping Contact Insertion Contact Extraction 4. To be sure contact is locked securely, pull back lightly on wire. Repeat for balance of contacts working row by row across the insulator. 5. Place wire into extraction tool tip. 6. Insert tool tip into contact cavity until tip bottoms against contact shoulder, releasing tines. Hold wire against tool with finger and remove tool and contact. Repeat for bal- ance of contacts. Contact Arrangements Shell Size E A B Contact Arrangement 9 15 25 Contact Size #20 #20 #20 Face View Pin Insert (Use a mirror image for receptacle). CD 37 50 #20 #20 Face View Pin Insert (Use a mirror image for receptacle). Shell size EA B Contact Arrangement 15 26 44 Contact Size #22 #22 #22 CD 62 78 #22 #22 1 5 6 10 11 15 9 1 8 1 0 1 6 2 9 1 1 15 16 30 4 4 1 3 1 21 42 62 22 43 1 20 21 39 59 78 40 60 Standard Density High Density ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 44 |