| Zakładka z wyszukiwarką danych komponentów |
|
ADSP2184 Arkusz danych(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP2184 Arkusz danych(HTML) 31 Page - Analog Devices |
|
31 / 31 page ![]() ADSP-2184 –31– REV. 0 100-Lead Metric Thin Plastic Quad Flatpack (LQFP) (ST-100) SEATING PLANE 0.030 (0.75) 0.024 (0.60) TYP 0.020 (0.50) 0.063 (1.60) MAX 12 TYP 0.007 (0.177) 0.005 (0.127) TYP 0.003 (0.077) 6 ± 4 0 – 7 0.004 (0.102) MAX LEAD COPLANARITY TOP VIEW (PINS DOWN) 1 25 26 51 50 75 100 76 0.011 (0.27) 0.009 (0.22) TYP 0.007 (0.17) 0.640 (16.25) 0.630 (16.00) TYP SQ 0.620 (15.75) 0.020 (0.50) BSC LEAD PITCH 0.553 (14.05) 0.551 (14.00) TYP SQ 0.549 (13.95) 0.472 (12.00) BSC LEAD WIDTH NOTE: THE ACTUAL POSITION OF EACH LEAD IS WITHIN (0.08) 0.0032 FROM ITS IDEAL POSITION WHEN MEASURED IN THE LATERAL DIRECTION. CENTER FIGURES ARE TYPICAL UNLESS OTHERWISE NOTED ORDERING GUIDE Ambient Instruction Temperature Rate Package Package Part Number Range (MHz) Description Option* ADSP-2184BST-160 –40 °C to +85°C 40.0 100-Lead LQFP ST-100 *ST = Plastic Thin Quad Flatpack (LQFP). OUTLINE DIMENSIONS Dimensions shown in inches and (mm). |