| Zakładka z wyszukiwarką danych komponentów |
|
MMBD2000T1 Arkusz danych(PDF) 5 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MMBD2000T1 Arkusz danych(HTML) 5 Page - Motorola, Inc |
|
5 / 8 page ![]() MMBD1000LT1 MMBD2000T1 MMBD3000T1 MMSD1000T1 5 Motorola Small–Signal Transistors, FETs and Diodes Device Data STEP 1 PREHEAT ZONE 1 “RAMP” STEP 2 VENT “SOAK” STEP 3 HEATING ZONES 2 & 5 “RAMP” STEP 4 HEATING ZONES 3 & 6 “SOAK” STEP 5 HEATING ZONES 4 & 7 “SPIKE” STEP 6 VENT STEP 7 COOLING 200 °C 150 °C 100 °C 50 °C TIME (3 TO 7 MINUTES TOTAL) TMAX SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY) 205 ° TO 219 °C PEAK AT SOLDER JOINT DESIRED CURVE FOR LOW MASS ASSEMBLIES 100 °C 150 °C 160 °C 140 °C Figure 2. Typical Solder Heating Profile DESIRED CURVE FOR HIGH MASS ASSEMBLIES 170 °C |