| Zakładka z wyszukiwarką danych komponentów |
|
DCMAM37P Arkusz danych(PDF) 43 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DCMAM37P Arkusz danych(HTML) 43 Page - ITT Industries |
|
43 / 62 page ![]() C C-43 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Combo D Contact Cavity Arrangments Contact Cavity Arrangements Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities E 5W1 4#20 1#8 A 3W3 0#20 3#8 A 7W2 5#20 2#8 A 3WK3 0#20 3#8 E 2WK2 0#20 2#8 A 11W1 10#20 1#8 B 9W4 5#20 4#8 B 5W54 0#20 5#8 B 13W3 10#20 3#8 B 21W1 20#20 1#8 C 8W8 0#20 8#8 B 17W2 15#20 2#8 C 17W5 12#20 5#8 C 13W6 7#20 6#8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities C 27W2 25#20 2#8 C 25W3 22#20 3#8 C 21WA4 17#20 4#8 D 36W4 32#20 4#8 D 24W7 17#20 7#8 D 47W1 46#20 1#8 D 43W2 41#20 2#8 E 2W2 0#20 2#8 A2 A1 A3 3 1 4 A1 2 Plug Face View Pin Insert (Use a mirror image for receptacle). ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 43 |