| Zakładka z wyszukiwarką danych komponentów |
|
DAC8043A1FS Arkusz danych(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8043A1FS Arkusz danych(HTML) 7 Page - Analog Devices |
|
7 / 8 page ![]() REV. 0 DAC8043A –7– PARAMETER DEFINITIONS INTEGRAL NONLINEARITY (INL) This is the single most important DAC specification. ADI mea- sures INL as the maximum deviation of the analog output (from the ideal) from a straight line drawn between the end points. It is expressed as a percent of full-scale range or in terms of LSBs. Refer to Analog Devices Data Reference Manual for additional digital-to-analog converter definitions. INTERFACE LOGIC INFORMATION The DAC8043A has been designed for ease of operation. The timing diagram, Figure 2, illustrates the input register loading sequence. Note that the most significant bit (MSB) is loaded first. Once the 12-bit input register is full, the data is trans- ferred to the DAC register by taking LD momentarily low. DIGITAL SECTION The DAC8043A’s digital inputs, SRI, LD, and CLK, are TTL compatible. The input voltage levels affect the amount of cur- rent drawn from the supply; peak supply current occurs as the digital input (VIN) passes through the transition region. See the Supply Current vs. Logic Input Voltage graph located in the typical performance characteristics curves. Maintaining the digital input voltage levels as close as possible to the supplies, VDD and GND, minimizes supply current consumption. The DAC8043A’s digital inputs have been designed with ESD resis- tance incorporated through careful layout and the inclusion of input protection circuitry. Figure 17 shows the input protection diodes and series resistor; this input structure is duplicated on each digital input. High voltage static charges applied to the inputs are shunted to the supply and ground rails through for- ward biased diodes. These protection diodes were designed to clamp the inputs to well below dangerous levels during static discharge conditions. VDD LD, CLK, SRI GND 5k Figure 17. Digital Input Protection GENERAL CIRCUIT INFORMATION The DAC8043A is a 12-bit multiplying D/A converter with a very low temperature coefficient. It contains an R-2R resistor ladder network, data input and control logic, and two data registers. The digital circuitry forms an interface in which serial data can be loaded under microprocessor control into a 12-bit shift regis- ter and then transferred, in parallel, to the 12-bit DAC register. The analog portion of the DAC8043A contains an inverted R-2R ladder network consisting of silicon-chrome, highly-stable (+50 ppm/ °C) thin-film resistors, and twelve pairs of NMOS current-steering switches, see Figure 18. These switches steer binarily weighted currents into either IOUT or GND; this yields a constant current in each ladder leg, regardless of digital input code. This constant current results in a constant input resis- tance at VREF equal to R. The VREF input may be driven by any reference voltage or current, ac or dc that is within the limits stated in the Absolute Maximum Ratings. 10k S1 20k S2 20k 10k S3 20k 10k S12 20k 20k * * 10k BIT 1 (MSB) BIT 2 BIT 3 BIT 12 (LSB) RFEEDBACK VREF IOUT GND DIGITAL INPUTS (SWITCHES SHOWN FOR DIGITAL INPUTS "HIGH") *THESE SWITCHES PERMANENTLY "ON" Figure 18. Simplified DAC Circuit The twelve output current steering NMOS FET switches are in series with each R-2R resistor. To further ensure accuracy across the full temperature range, permanently “ON” MOS switches were included in series with the feedback resistor and the R-2R ladder’s terminating resistor. Figure 18 shows the location of the series switches. During any testing of the resistor ladder or RFEEDBACK (such as incoming inspection), VDD must be present to turn “ON” these series switches. DYNAMIC PERFORMANCE OUTPUT IMPEDANCE The DAC8043A’s output resistance, as in the case of the output capacitance, varies with the digital input code. This resistance, looking back into the IOUT terminal, may be between 10 k Ω (the feedback resistor alone when all digital inputs are LOW) and 7.5 k Ω (the feedback resistor in parallel with approximate 30 kΩ of the R-2R ladder network resistance when any single bit logic is HIGH). Static accuracy and dynamic performance will be affected by these variations. APPLICATIONS INFORMATION In most applications, linearity depends upon the potential of the IOUT and GND pins being at the same voltage potential. The DAC is connected to an external precision op amp inverting input. The external amplifiers noninverting input should be tied directly to ground without the usual bias current compensating resistor. (See Figures 19 and 20.) The selected amplifier should have a low input bias current and low drift over temperature. The amplifiers input offset voltage should be nulled to less than 200 microvolts (less than 10% of 1 LSB). All grounded pins should tie to a single common ground point to avoid ground loops. The VDD power supply should have a low noise level with ad- equate bypassing. It is best to operate the DAC8043A from the analog power supply and grounds. |