| Zakładka z wyszukiwarką danych komponentów |
|
MLT04GBC Arkusz danych(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
MLT04GBC Arkusz danych(HTML) 2 Page - Analog Devices |
|
2 / 12 page ![]() ORDERING INFORMATION* Temperature Package Package Model Range Description Option MLT04GP –40 °C to +85°C 18-Pin P-DIP N-18 MLT04GS –40 °C to +85°C 18-Lead SOIC SOL-18 MLT04GS-REEL –40 °C to +85°C 18-Lead SOIC SOL-18 MLT04GBC +25 °C Die *For die specifications contact your local Analog sales office. The MLT04 contains 211 transistors. (V CC = +5 V, VEE = –5 V, VIN = ±2.5 V P, RL = 2 k Ω, T A = +25 °C unless otherwise noted.) –2– MLT04–SPECIFICATIONS Parameter Symbol Conditions Min Typ Max Units MULTIPLIER PERFORMANCE1 Total Error2 XE X –2.5 V < X < +2.5 V, Y = +2.5 V –5 ±2 5 % FS Total Error2 YE Y –2.5 V < Y < +2.5 V, X = +2.5 V –5 ±2 5 % FS Linearity Error2 XLE X –2.5 V < X < +2.5 V, Y = +2.5 V –1 ±0.2 +1 % FS Linearity Error2 YLE Y –2.5 V < Y < +2.5 V, X = +2.5 V –1 ±0.2 +1 % FS Total Error Drift TCE X X = –2.5 V, Y = 2.5 V, T A = –40°C to +85°C 0.005 %/ °C Total Error Drift TCE Y Y = –2.5 V, X = 2.5 V, T A = –40°C to +85°C 0.005 %/ °C Scale Factor3 K X = ±2.5 V, Y = ±2.5 V, T A = –40°C to +85°C 0.38 0.40 0.42 1/V Output Offset Voltage Z OS X = 0 V, Y = 0 V, T A= –40°C to +85°C –50 ±10 50 mV Output Offset Drift TCZ OS X = 0 V, Y = 0 V, T A= –40°C to +85°C50 µV/°C Offset Voltage, X X OS X = 0 V, Y = ±2.5 V, T A = –40°C to +85°C –50 ±10.5 50 mV Offset Voltage, Y Y OS Y = 0 V, X = ±2.5 V, T A = –40°C to +85°C –50 ±10.5 50 mV DYNAMIC PERFORMANCE Small Signal Bandwidth BW V OUT = 0.1 V rms 8 MHz Slew Rate SR V OUT = ± 2.5 V 30 53 V/ µs Settling Time t S V OUT = ∆2.5 V to 1% Error Band 1 µs AC Feedthrough FT AC X = 0 V, Y = 1 V rms @ f = 100 kHz –65 dB Crosstalk @ 100 kHz CT AC X = Y = 1 V rms Applied to Adjacent Channel –90 dB OUTPUTS Audio Band Noise E N f = 10 Hz to 50 kHz 76 µV rms Wide Band Noise E N Noise BW = 1.9 MHz 380 µV rms Spot Noise Voltage e N f = 1 kHz 0.3 µV/√Hz Total Harmonic Distortion THD X f = 1 kHz, LPF = 22 kHz, Y = 2.5 V 0.1 % THD Y f = 1 kHz, LPF = 22 kHz, X = 2.5 V 0.02 % Open Loop Output Resistance R OUT 40 Ω Voltage Swing V PK V CC = +5 V, VEE = –5 V ±3.0 ±3.3 V P Short Circuit Current I SC 30 mA INPUTS Analog Input Range IVR GND = 0 V –2.5 +2.5 V Bias Current I B X = Y = 0 V 2.3 10 µA Resistance R IN 1M Ω Capacitance C IN 3pF SQUARE PERFORMANCE Total Square Error E SQ X = Y = 1 5 % FS POWER SUPPLIES Positive Current I CC V CC = 5.25 V, VEE = –5.25 V 15 20 mA Negative Current I EE V CC = 5.25 V, VEE = –5.25 V 15 20 mA Power Dissipation P DISS Calculated = 5 V × I CC + 5 V × IEE 150 200 mW Supply Sensitivity PSSR X = Y = 0 V, V CC = ∆5% or VEE = ∆5% 10 mV/V Supply Voltage Range V RANGE For V CC & VEE ±4.75 ±5.25 V REV. B NOTES 1Specifications apply to all four multipliers. 2Error is measured as a percent of the ±2.5 V full scale, i.e., 1% FS = 25 mV. 3Scale Factor K is an internally set constant in the multiplier transfer equation W = K × X × Y. Specifications subject to change without notice. ABSOLUTE MAXIMUM RATINGS* Supply Voltages V CC, VEE to GND ±7 V Inputs X I, YI V CC, VEE Outputs W I V CC, VEE Operating Temperature Range –40 °C to +85°C Maximum Junction Temperature (T J max) +150 °C Storage Temperature –65 °C to +150°C Lead Temperature (Soldering, 10 sec) +300 °C Package Power Dissipation (T J max–TA)/θJA Thermal Resistance θ JA PDIP-18 (N-18) 74 °C/W SOIC-18 (SOL-18) 89 °C/W *Stresses above those listed under “Absolute Maximum Ratings” may cause perma- nent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification are not implied. |