Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBMM25SWNMBK52 Arkusz danych(PDF) 38 Page - ITT Industries

Numer części DBMM25SWNMBK52
Szczegółowy opis  Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25SWNMBK52 Arkusz danych(HTML) 38 Page - ITT Industries

Back Button DBMM25SWNMBK52 Datasheet HTML 34Page - ITT Industries DBMM25SWNMBK52 Datasheet HTML 35Page - ITT Industries DBMM25SWNMBK52 Datasheet HTML 36Page - ITT Industries DBMM25SWNMBK52 Datasheet HTML 37Page - ITT Industries DBMM25SWNMBK52 Datasheet HTML 38Page - ITT Industries DBMM25SWNMBK52 Datasheet HTML 39Page - ITT Industries DBMM25SWNMBK52 Datasheet HTML 40Page - ITT Industries DBMM25SWNMBK52 Datasheet HTML 41Page - ITT Industries DBMM25SWNMBK52 Datasheet HTML 42Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
Grommet D
GD*
Standard Shell Dimensions
C-38
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
C
+
+
+
+
10˚TYP.
B•
M
K
L
J
X MAX.
.031 (0.79)
+
_ .005 (0.13)
.049 (1.24)
MAX.
.089 (2.26) +
_ .003 (0.08)
DIA.
RIVET
.130 (3.30) MAX.
.031 (0.79) TOTAL
DIAMETRICAL FLOAT
WASHER
OVERALL FREE
FLOAT .004 - .012
(0.10) - (0.30)
H
G
MAX. OVER
GROMMET
TWO HOLES
.120 +
_ .005 (3.05 +
_ 0.13) DIA.
D• E
C
A
Front
Rear
Y-Float Mount
H
Over
Shell
G
MAX. OVER
GROMMET
TWO HOLES
.089 (2.26) +
_ .003 (0.08)
Rear
B'
D'
10˚TYP.
B•
D•
E
C
A
Front
B'
D'
Shell with Float Dimensions
It is recommended that only one assembly, either pin or socket, be float mounted. For front panel mounting use reverse float mounted.
A
±.015
(0.38)
1.213 (30.81)
1.213 (30.81)
1.541 (39.14)
1.541 (39.14)
2.088 (53.03)
2.088 (53.03)
2.729 (19.32)
2.729 (19.32)
2.635 (66.92)
2.635 (66.92)
B•
±.005
(0.13)
—
.643 (16.33)
—
.971 (24.66)
—
1.511 (38.38)
2.159 (54.84)
—
2.064 (52.42)
B’
±.005
(0.13)
.666 (16.91)
—
.994 (25.24)
—
1.534 (38.96)
—
2.182 (55.42)
2.079 (52.81)
—
C
±.005
(0.12)
.984 (24.99)
.984 (24.99)
1.312 (33.32)
1.312 (33.32)
1.852 (47.04)
1.852 (47.04)
2.50 (63.50)
2.50 (63.50)
2.406 (61.11)
2.406 (61.11)
D•
±.005
(0.13)
—
.311 (7.90)
—
.311 (7.90)
—
.311 (7.90)
.311 (7.90)
—
.423 (10.74)
D’
±.005
(0.12)
.329 (8.36)
—
.329 (8.36)
—
.329 (8.36)
—
.329 (8.36)
.411 (11.20)
—
E
±.015
(0.38)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.494 (12.55)
.605 (15.37)
.605 (15.37)
G
Max.
.750 (19.05)
.750 (19.05)
1.093 (27.76)
1.093 (27.76)
1.625 (41.28)
1.625 (41.28)
2.270 (57.66)
2.270 (57.66)
2.162 (54.91)
2.162 (54.91)
H
±.010
(0.25)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.422 (10.72)
.534 (13.56)
.534 (13.56)
J
±.010
(0.25)
.030 (0.76)
.030 (0.76)
.030 (0.76)
.030 (0.76)
.039 (0.99)
.030 (0.76)
.039 (0.99)
.030 (0.76)
.039 (0.99)
.030 (0.76)
K
±.006
(0.13)
.235 (5.97)
.243 (6.17)
.235 (5.97)
.243 (6.17)
.230 (5.84)
.243 (6.17)
.230 (5.84)
.243 (6.17)
.230 (5.84)
.243 (6.17)
L
±.010
(0.25)
.045 (1.14)
.045 (1.14)
.045 (1.14)
.045 (1.14)
.060 (1.52)
.045 (1.14)
.060 (1.52)
.045 (1.14)
.060 (1.52)
.045 (1.14)
M
±.085
(0.13)
.422 (10.72)
.429 (10.90)
.422 (10.72)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.426 (10.82)
.429 (10.90)
.426 (10.82)
.429 (10.90)
X
Max.
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
.718 (18.24)
Shell Size
GDE-9P
GDE-9S
GDA-15P
GDA-15S
GDB-25P
GDB-25S
GD-37P
GD-37S
GDD-50P
GDD-50S
*dimensions B, D, and H are measured as
outside dimensions at the bottom of draw.
NOTE: B• and D• are the outside dimensions for socket side, B’ and D’ are
the inside dimensions for pin side.
High Density Layouts available.
ca_C1-C61.qxd:Layout 1
2/10/11
9:32 AM
Page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62