Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CENB1050 Arkusz danych(PDF) 1 Page - SL Power Electronics

Numer części CENB1050
Szczegółowy opis  I.T.E. Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SLPOWER [SL Power Electronics]
Strona internetowa  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CENB1050 Arkusz danych(HTML) 1 Page - SL Power Electronics

  CENB1050 Datasheet HTML 1Page - SL Power Electronics CENB1050 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
______________________________________________________________________________________________________________________________ 1 of 2
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
RoHS
LPS
LPS
LPS
LPS
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
AC Input
100-240Vac, -/-10%, 47-63 Hz, 1∅
MTBF
>100,000 hours (calculated)
Input Current
100VAC: 1.5A max
Hold-up Time
18 ms min. @ 115Vac, 60 ms min. @ 230 Vac
Inrush Current
60 A peak, 264 V, cold start
Overload Protection
Hiccup Mode
Input Fuse
2.0A, 250V Internal Primary Current Fuse is provided
Short Circuit Protection
Hiccup Mode
Efficiency
EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Topology
Switching – Fixed Frequency Flyback
Output Voltage
See chart
Safety Standards
EN/IEC/CSA/UL60950-1, 2nd Edition
LPS (9V thru 48V models)
Output Power
See chart
EMC
See chart below
Ripple and Noise
1% pk-pk max., 20MHz BW
Dielectric Withstand
Input-Output: 4,242 Vdc,
Input-GND: 1,500 Vac, Output-GND: 500Vdc
Line & Load Voltage Regulation
Line: +/- 1%, Load: +/-5%
Operating Temperature
0° to 40°C, no derating
Transient Response
500µs max., 50% load step, typical
Storage Temperature
-30 to +85°C
Minimum Load
Not required
Relative Humidity
5% to 95%, non-condensing
Case Material
Black 94V0 Polycarbonate
Altitude
0 to 10,000 ft
Case Dimensions
See outline drawing
Output Cable 5V – 9V models: #18AWG (UL2464), 1,200mm, 4 conductor
12V – 15V models: #18AWG (UL2464), 1,500mm, 4 conductor
18V – 48V models: #18AWG (UL2464), 1,500mm, 2 conductor
Weight
400g
Output Connector 2.5mm barrel type (Ault #3), center contact positive (+)
EMC Specifications
Conducted Emissions
EN55022 Class B, FCC Part 15, Class B.
Radiated Emissions
EN55022 Class B, FCC Part 15, Class B.
Line Frequency Harmonics
EN61000-3-2, Class A
Voltage Fluctuations/Flicker
EN61000-3-3
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz.
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, Criteria B
CENB1050
Universal Input 50 Watt Series
I.T.E. Switch-Mode Power Supply
3 Year Warranty
•100-240Vac Universal Input
•Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
•Certified to UL/EN60950-1 2
nd Edition, LPS
•Desktop Style
•5V to 48V Single Output Models, up to 50W
•Modified and Custom Designs Available
•Regulated Output with Low Ripple
•Impact-Resistant Polycarbonate Enclosure
•No load Power Consumption <0.3W


Podobny numer części - CENB1050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
CENB1010 SLPOWER-CENB1010 Datasheet
414Kb / 3P
ITE Switch-Mode Power Supply
CENB1010A0503F01 SLPOWER-CENB1010A0503F01 Datasheet
495Kb / 3P
ITE Switch-Mode Power Supply
CENB1010A0603F01 SLPOWER-CENB1010A0603F01 Datasheet
495Kb / 3P
ITE Switch-Mode Power Supply
CENB1010A0703F01 SLPOWER-CENB1010A0703F01 Datasheet
495Kb / 3P
ITE Switch-Mode Power Supply
CENB1010A0903F01 SLPOWER-CENB1010A0903F01 Datasheet
495Kb / 3P
ITE Switch-Mode Power Supply
More results

Podobny opis - CENB1050

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
Switch Mode Power Supply
logo
SL Power Electronics
CENB1060 SLPOWER-CENB1060 Datasheet
229Kb / 2P
I.T.E Switch-Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
Switch Mode Power Supply
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com