Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CENB1060 Arkusz danych(PDF) 1 Page - SL Power Electronics

Numer części CENB1060
Szczegółowy opis  I.T.E Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SLPOWER [SL Power Electronics]
Strona internetowa  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CENB1060 Arkusz danych(HTML) 1 Page - SL Power Electronics

  CENB1060 Datasheet HTML 1Page - SL Power Electronics CENB1060 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
______________________________________________________________________________________________________________________________ 1 of 2
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
RoHS
LPS
LPS
LPS
LPS
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
AC Input
100-240Vac, -/-10%, 47-63 Hz, 1∅
MTBF
>100,000 hours (calculated)
Input Current
100VAC: 1.5A max
Hold-up Time
18 ms min. @ 115Vac, 60 ms min. @ 240 Vac
Inrush Current
60 A peak, 264 V, cold start
Overload Protection
Hiccup Mode
Input Fuse
2.0A, 250V Internal Primary Current Fuse is provided
Short Circuit Protection
Hiccup Mode
Output Voltage
See chart
Topology
Switching – Fixed Frequency Flyback
Efficiency
Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Safety Standards
EN/IEC/CSA/UL60950-1, 2nd Edition
LPS (9V thru 48V Models)
Output Power
See chart
EMC
See chart on page 2
Ripple and Noise
1% pk-pk max., 20MHz BW
Dielectric Withstand
Input-Output: 5,656Vdc,
Input-GND: 1,500 Vac, Output-GND: 500Vdc
Line/Load Voltage Regulation
Line: +/- 1%, Load: +/-5%
Operating Temperature
0° to 40°C, no derating
Transient Response
500µs max., 50% load step, typical
Storage Temperature
-30 to +85°C
Minimum Load
Not required
Relative Humidity
5% to 95%, non-condensing
Case Material
Black 94V0 Polycarbonate
Altitude
0 to 10,000 ft
Case Dimensions
See outline drawing
Output Cable 5V – 9V models: #18AWG (UL2464), 1,200mm, 4 conductor
12V – 15V models: #18AWG (UL2464), 1,500mm, 4 conductor
18V – 48V models: #18AWG (UL2464), 1,500mm, 2 conductor
Weight
400g
Output Connector
5V model: Molex 39-01-2060 or equiv. (Ault #51)
Other models: 2.5mm barrel type (Ault #3), center contact positive (+)
EMC Specifications
Conducted Emissions
EN55022 Class B, FCC Part 15, Class B.
Radiated Emissions
EN55022 Class B, FCC Part 15, Class B.
Line Frequency Harmonics
EN61000-3-2, Class A
Voltage Fluctuations/Flicker
EN61000-3-3
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz.
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, Criteria B
CENB1060
Universal Input 60 Watt Series
I.T.E Switch-Mode Power Supply
3 Year Warranty
•100-240VAC Universal Input
•Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
•Certified to UL/EN60950-1, 2
nd Edition, LPS
•Desktop Style
•5V to 48V Single Output Models, up to 60W
•Modified and Custom Designs Available
•Regulated Output with Low Ripple
•Impact-Resistant Polycarbonate Enclosure
•No Load Power Consumption <0.5W


Podobny numer części - CENB1060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
CENB1010 SLPOWER-CENB1010 Datasheet
414Kb / 3P
ITE Switch-Mode Power Supply
CENB1010A0503F01 SLPOWER-CENB1010A0503F01 Datasheet
495Kb / 3P
ITE Switch-Mode Power Supply
CENB1010A0603F01 SLPOWER-CENB1010A0603F01 Datasheet
495Kb / 3P
ITE Switch-Mode Power Supply
CENB1010A0703F01 SLPOWER-CENB1010A0703F01 Datasheet
495Kb / 3P
ITE Switch-Mode Power Supply
CENB1010A0903F01 SLPOWER-CENB1010A0903F01 Datasheet
495Kb / 3P
ITE Switch-Mode Power Supply
More results

Podobny opis - CENB1060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
Switch Mode Power Supply
logo
SL Power Electronics
CENB1050 SLPOWER-CENB1050 Datasheet
221Kb / 2P
I.T.E. Switch-Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
Switch Mode Power Supply
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com