Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CENB1040 Arkusz danych(PDF) 1 Page - SL Power Electronics

Numer części CENB1040
Szczegółowy opis  ITE Switch-Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SLPOWER [SL Power Electronics]
Strona internetowa  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CENB1040 Arkusz danych(HTML) 1 Page - SL Power Electronics

  CENB1040 Datasheet HTML 1Page - SL Power Electronics CENB1040 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
______________________________________________________________________________________________________________________________ 1 of 2
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
RoHS
LPS
LPS
LPS
LPS
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
AC Input
100-240VAC, -/-10%, 47-63 Hz, 1∅
MTBF
>100,000 hours (calculated)
Input Current
100VAC: 1.1A
Hold-up Time
18 ms min. @ 115Vac, 60 ms @ 230 Vac
Inrush Current
60 A peak, 264 V, cold start
Overload Protection
Hiccup Mode
Input Fuse
3.15A, 250V Internal Primary Current Fuse is provided
Short Circuit Protection
Hiccup Mode
Efficiency
Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Topology
Switching – Fixed Frequency Flyback
Output Voltage
See chart
Safety Standards
EN/IEC/CSA/UL60950-1, 2
nd Edition, LPS
Output Power
See chart
EMC
See chart below
Ripple and Noise
1% pk-pk max., 20MHz BW
Dielectric Withstand
Input-Output: 4,242Vdc
Input-GND: 1,500 Vac, Output-GND: 500Vdc
Line & Load Voltage Regulation
Line: +/- 1%, Load: +/-5%
Operating Temperature
0° to 40°C, no derating
Transient Response
500µs max., 50% load step, typical
Storage Temperature
-30 to +85°C
Minimum Load
Not required
Relative Humidity
5% to 95%, non-condensing
Case Material
Black 94V0 Polycarbonate
Altitude
0 to 10,000 ft
Case Dimensions
102 x 60 x 32mm. See outline drawing
Output Cable
#18AWG (UL1185), 1,500mm, 2 conductor
Weight
250g
Output Connector
2.5mm barrel type (Ault #3), center positive (+)
EMC Specifications
Conducted Emissions
EN55022 Class B, FCC Part 15, Class B.
Radiated Emissions
EN55022 Class B, FCC Part 15, Class B.
Line Frequency Harmonics
EN61000-3-2, Class A
Voltage Fluctuations/Flicker
EN61000-3-3
Static Discharge Immunity
EN61000-4-2, 6kV Contact Discharge, 8kV air discharge
Radiated RF Immunity
EN61000-4-3, 3V/m.
EFT/Burst Immunity
EN61000-4-4, 2kV/5kHz.
Line Surge Immunity
EN61000-4-5, 1kV differential, 2kV common-mode
Conducted RF Immunity
EN61000-4-6, 3Vrms
Power Frequency Magnetic Field Immunity
EN61000-4-8, 3A/m
Voltage Dip Immunity
EN61000-4-11, Criteria B
CENB1040
Universal 40 Watt Series
ITE Switch-Mode Power Supply
3 Year Warranty
100-240VAC Universal Input
Meets EISA2007, CEC Efficiency Level V,
EU (EC) No 278/2009 Phase II
Desktop Style
Limited Power Source
Certified to UL/EN60950-1, 2nd Edition
5V to 48V Single Output Models, up to 40W
Modified and Custom Designs Available
Regulated Output with Low Ripple
No Load Power Consumption <0.3W
Impact-Resistant Polycarbonate Enclosure


Podobny numer części - CENB1040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
CENB1040A0503F01 SLPOWER-CENB1040A0503F01 Datasheet
163Kb / 2P
ITE Switch-Mode Power Supply
CENB1040A0903F01 SLPOWER-CENB1040A0903F01 Datasheet
163Kb / 2P
ITE Switch-Mode Power Supply
CENB1040A1203F01 SLPOWER-CENB1040A1203F01 Datasheet
163Kb / 2P
ITE Switch-Mode Power Supply
CENB1040A1503F01 SLPOWER-CENB1040A1503F01 Datasheet
163Kb / 2P
ITE Switch-Mode Power Supply
CENB1040A1803F01 SLPOWER-CENB1040A1803F01 Datasheet
163Kb / 2P
ITE Switch-Mode Power Supply
More results

Podobny opis - CENB1040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
CENB1020 SLPOWER-CENB1020 Datasheet
411Kb / 2P
ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080 Datasheet
239Kb / 2P
ITE Switch-Mode Power Supply
CENB1090 SLPOWER-CENB1090 Datasheet
239Kb / 2P
ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100 Datasheet
241Kb / 2P
ITE Switch-Mode Power Supply
CENB1121 SLPOWER-CENB1121 Datasheet
254Kb / 2P
ITE Switch-Mode Power Supply
PW156 SLPOWER-PW156 Datasheet
238Kb / 2P
ITE / Switch Mode Power Supply
CENB1121 SLPOWER-CENB1121_13 Datasheet
194Kb / 2P
ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100_15 Datasheet
260Kb / 2P
ITE Switch-Mode Power Supply
CENB1030 SLPOWER-CENB1030_14 Datasheet
266Kb / 2P
ITE Switch-Mode Power Supply
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com