| Zakładka z wyszukiwarką danych komponentów |
|
OP470GP Arkusz danych(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP470GP Arkusz danych(HTML) 1 Page - Analog Devices |
|
1 / 16 page ![]() REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a OP470 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 2002 Very Low Noise Quad Operational Amplifier FEATURES Very Low-Noise, 5 nV/ ÷Hz @ 1 kHz Max Excellent Input Offset Voltage, 0.4 mV Max Low Offset Voltage Drift, 2 V/ C Max Very High Gain, 1000 V/mV Min Outstanding CMR, 110 dB Min Slew Rate, 2 V/ s Typ Gain-Bandwidth Product, 6 MHz Typ Industry Standard Quad Pinouts Available in Die Form GENERAL DESCRIPTION The OP470 is a high-performance monolithic quad operational amplifier with exceptionally low voltage noise, 5 nV/ ÷Hz at 1 kHz max, offering comparable performance to ADI’s industry standard OP27. The OP470 features an input offset voltage below 0.4 mV, excellent for a quad op amp, and an offset drift under 2 mV/∞C, guaranteed over the full military temperature range. Open loop gain of the OP470 is over 1,000,000 into a 10 k W load ensuring excellent gain accuracy and linearity, even in high gain applica- tions. Input bias current is under 25 nA, which reduces errors due to signal source resistance. The OP470’s CMR of over 110 dB and PSRR of less than 1.8 mV/V significantly reduce errors due to ground noise and power supply fluctuations. Power consumption of the quad OP470 is half that of four OP27s, a significant advantage for power conscious applications. The OP470 is unity-gain stable with a gain bandwidth product of 6 MHz and a slew rate of 2 V/ ms. PIN CONNECTIONS 14-Lead Hermetic DIP (Y-Suffix) 14-Lead Plastic DIP (P-Suffix) 14 13 12 11 10 9 8 1 2 3 4 5 6 7 OUT A –IN A +IN A V+ +IN B –IN B OUT B OUT D –IN D +IN D V– +IN C –IN C OUT C OP470 16-Lead SOIC Package (S-Suffix) 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 NC = NO CONNECT OUT A OUT D OP470 –IN A –IN D +IN A +IN D V+ V– +IN B +IN C –IN B –IN C OUT B OUT C NC NC SIMPLIFIED SCHEMATIC –IN +IN BIAS V– V+ The OP470 offers excellent amplifier matching which is impor- tant for applications such as multiple gain blocks, low noise instrumentation amplifiers, quad buffers, and low noise active filters. The OP470 conforms to the industry standard 14-lead DIP pinout. It is pin compatible with the LM148/149, HA4741, HA5104, and RM4156 quad op amps and can be used to up- grade systems using these devices. For higher speed applications, the OP471, with a slew rate of 8 V/ ms, is recommended. |
Podobny numer części - OP470GP |
|
Podobny opis - OP470GP |