Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GNT60 Arkusz danych(PDF) 2 Page - SL Power Electronics

Numer części GNT60
Szczegółowy opis  GNT60-X-YYYG, where X = 12, 15, 18, 24 or 48 which represents the output voltage rating, -YYY is value added options not related to Safety and G represents ROHS Compliance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SLPOWER [SL Power Electronics]
Strona internetowa  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GNT60 Arkusz danych(HTML) 2 Page - SL Power Electronics

  GNT60 Datasheet HTML 1Page - SL Power Electronics GNT60 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAUTION: When performing Dielectric Strength Tests, catastrophic failure of the unit may result if a
Dielectric Strength test voltage greater than 1800 V ac is applied between primary and secondary
circuits. The components providing isolation from primary to secondary cannot be tested while installed
in the power supply without overstressing basic (primary to ground) insulation.
All isolating
components are individually 100 % tested at 4800 V ac prior to installation.
ISOLATION: The creepage distance between primary and ground is 4 mm minimum; between primary
and secondary circuits is 8 mm minimum. Secondary to ground creepage is not defined or controlled.
The output common is bypassed to ground using a 1000 pF, “Y” capacitor. The required creepage and
clearance distances from primary circuits to ground and secondary circuits must be maintained after
installation to preserve the intended safety.
TEMPERATURES: The maximum operating temperatures of certain safety components, as defined in
the applicable safety standards, must not be exceeded after installation to preserve the intended safety.
The output power, ambient air temperature and the availability, amount, direction and/or restriction of
airflow influence the temperatures of these components.
OVERCURRENT PROTECTION: Fuses for both Line and Neutral are provided in the power supply.
NOTE: For use in permanently installed equipment, remove Fuse F2 and replace with a jumper wire.
WARNING! RISK OF FIRE! A blown internal fuse is an indication of catastrophic failure of circuit
component(s). Refer to fuse marking on the power supply for rating. Repair must be performed by
SLPE authorized personnel.
WARNING! SHOCK HAZARD! Dangerous voltages are present on some components, printed wiring
traces and heatsinks.
Attention, Consult
Accompanying Documents
Alternating Current
Attention, Dangerous Voltages
Earth (Ground)
EXPLANATION OF SYMBOLS
C O N N E C T I O N S
J1 Pin
AC Input
J2 Pin
DC Output
MATING CONNECTORS
1
Line
1
Output (+)
J1
Amp Housing 640250-3 Contact 770476-1
3
Neutral
2
Output (+)
J2
Amp Housing 640250-4 Contact 770476-1
3
Return
4
Return
SLPE will not be liable for the safety, reliability or performance of these power supplies if a) any changes, modifications or repairs are carried out by other than authorized agents of
SLPE, or b) the installation of the supply is not in accordance with these installation instructions and the applicable UL, CSA, EN, and IEC safety standards.
41-35510-0001 Rev. D 08/15/2008
Page 2 of 2



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com