Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1003 Arkusz danych(PDF) 2 Page - Touchstone Semiconductor Inc

Numer części TS1003
Szczegółowy opis  THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1003 Arkusz danych(HTML) 2 Page - Touchstone Semiconductor Inc

  TS1003 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1003 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TS1003
Page 2
TS1003DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (VDD to VSS) .............................. +6.0V
Voltage Inputs (IN+, IN-) ........... (VSS - 0.3V) to (VDD + 0.3V)
Differential Input Voltage............................................±6.0 V
Input Current (IN+, IN-) ..............................................20 mA
Output Short-Circuit Duration to GND ....................Indefinite
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (Derate 3.87mW/°C above +70°C) ....310 mW
Operating Temperature Range .................... -40°C to +85°C
Junction Temperature .............................................. +150°C
Storage Temperature Range ..................... -65°C to +150°C
Lead Temperature (soldering, 10s)............................. +300°
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
TAPE & REEL
ORDER NUMBER
PART
MARKING
PACKAGE
QUANTITY
TS1003IJ5TP
TAH
---
TS1003IJ5T
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com