| Zakładka z wyszukiwarką danych komponentów |
|
CT1775 Arkusz danych(PDF) 6 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
CT1775 Arkusz danych(HTML) 6 Page - Aeroflex Circuit Technology |
|
6 / 6 page ![]() 6 SCDCT1775 Rev B 012345 6 8 9 10 11 12 13 14 15 16 18 19 0 SERIAL DATA OUT SYNC 15 14 13 12 11 10 9876 54321 0 P 19 7 17 DON’T CARE DON’T CARE DON’T CARE DON’T CARE DON’T CARE DON’T CARE DON’T CARE ESE OUT ENC ENABLE SYNC SEL SEND DATA (LOAD DATA) LATCH DATA TRI-STATE DATA DATA SELECT STROBE DATA END CYCLE VALID SYNC STROBE CYCLE START VALID DATA 16µs DATA SENT SYNC FIGURE 2 – TRANSMIT MODE TIMING 012 345 6 8910 11 12 13 14 15 16 18 19 0 19 7 17 12 4 5 3 SERIAL DATA IN SYNC 15 14 13 12 11 10 9 8765 432 10 P SYNC 15 14 13 TAKE DATA 16µs PREVIOUS STATE 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 UNDEFINED 15 DON’T CARE DSC OUT COMM / DATA SYNC SERIAL DATA OUT DATA SELECT 1 TRI-STATE DATA 1 VALID WORD 2 FLAG OUTPUTS3 BIT STATUS 4 END CYCLE TAKE DATA START CYCLE STROBE DATA PREVIOUS STATE CURRENT SYNC CURRENT DATA NOT VALID PREVIOUS STATE PREVIOUS STATE NOT VALID FLAGS VALID 3 BIT STATUS VALID4 NOTES: 1. Parallel data is held continuously in second rank receiver register, and may be enabled onto the tri-state output at any time with a LOW on DATA SELECT. 2. VALID WORD will remainLOW for 20µsec then go HIGH, if a valid sync is not received. 3. FLAG OUTPUTS are valid only when VALID WORD is LOW. Flags are MODE CODE, RT Enable, BROADCAST and VAL CMD WD. 4. BIT STATUS is valid only if wraparound transmit plus receive cycle has been performed. LATCH DATA must be HIGH, and either S/T SELECT or RX STROBE must be HIGH for the full wraparound cycle duration. FIGURE 3 – RECEIVE MODE TIMING |