| Zakładka z wyszukiwarką danych komponentów |
|
STM32F103CBT6 Arkusz danych(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103CBT6 Arkusz danych(HTML) 63 Page - STMicroelectronics |
|
63 / 102 page ![]() STM32F103x8, STM32F103xB Electrical characteristics Doc ID 13587 Rev 14 63/102 All I/Os are CMOS and TTL compliant (no software configuration required). Their characteristics cover more than the strict CMOS-technology or TTL parameters. The coverage of these requirements is shown in Figure 26 and Figure 27 for standard I/Os, and in Figure 28 and Figure 29 for 5 V tolerant I/Os. Figure 26. Standard I/O input characteristics - CMOS port Figure 27. Standard I/O input characteristics - TTL port |