| Zakładka z wyszukiwarką danych komponentów |
|
M54HC27 Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC27 Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 29 page ![]() Note: Contact ST sales office for information about the specific conditions for other 54AC or 54ACT part number, product in die form and QML-Q versions M54HC4050 Rad-hard hex buffer/converter 50 krad (Si) ESCC Y 9401/038 Flat-16 - DIL-16 2.0 6.0 0 to Vcc -55 °C to 125 °C M54HC4051 Rad-hard single 8-channel analog mux/demux - 9408/064 Flat-16 - DIL-16 2.0 6.0 M54HC4053 Rad-hard triple 2-channel analog mux/demux - 9408/065 Flat-16 - DIL-16 2.0 6.0 M54HC4060 Rad-hard 14-stage binary counter/oscillator - 9204/076 Flat-16 - DIL-16 2.0 6.0 M54HC4066 Rad-hard quad bilateral switch - 9408/052 Flat-14 - DIL-14 2.0 6.0 M54HC4072 Rad-hard dual 4-input OR gate - 9201/124 Flat-14 - DIL-14 2.0 6.0 M54HC4075 Rad-hard triple 3-input OR gate - 9201/129 Flat-14 - DIL-14 2.0 6.0 M54HC4078 Rad-hard 8-input NOR/OR gate - 9201/123 Flat-14 - DIL-14 2.0 6.0 M54HC4094 Rad-hard 8-bit SIPO shit register 3- state - 9306/050 Flat-16 - DIL-16 2.0 6.0 M54HC4514 Rad-hard 4-to-16 line decoder latch - 9205/019 Flat-24 - DIL-24 2.0 6.0 Table 1. Device summary (continued) Part number Description Radiation level Agency qualification EPPL ESCC specification Package Vcc Vin range Other features Temp. range Min Max |