| Zakładka z wyszukiwarką danych komponentów |
|
STM32F405VG Arkusz danych(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405VG Arkusz danych(HTML) 44 Page - STMicroelectronics |
|
44 / 167 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 44/167 Doc ID 022152 Rev 2 Table 6. STM32F40x pin and ball definitions Pin number Pin name (function after reset)(1) Alternate functions Additional functions - 1 1 A2 1 PE2 I/O FT TRACECLK/ FSMC_A23 / ETH_MII_TXD3 / EVENTOUT - 2 2 A1 2 PE3 I/O FT TRACED0/FSMC_A19 / EVENTOUT - 3 3 B1 3 PE4 I/O FT TRACED1/FSMC_A20 / DCMI_D4/ EVENTOUT - 4 4 B2 4 PE5 I/O FT TRACED2 / FSMC_A21 / TIM9_CH1 / DCMI_D6 / EVENTOUT - 5 5 B3 5 PE6 I/O FT TRACED3 / FSMC_A22 / TIM9_CH2 / DCMI_D7 / EVENTOUT 16 6 C1 6 VBAT S -- - D2 7 PI8 I/O FT (2)(3) EVENTOUT RTC_AF2 27 7 D1 8 PC13 I/O FT (2)(3) EVENTOUT RTC_AF1 38 8 E1 9 PC14-OSC32_IN (PC14) I/O FT (2)(3) EVENTOUT OSC32_IN(4) 49 9 F1 10 PC15- OSC32_OUT (PC15) I/O FT (2)(3) EVENTOUT OSC32_OUT(4) - - - D3 11 PI9 I/O FT CAN1_RX / EVENTOUT -- - E3 12 PI10 I/O FT ETH_MII_RX_ER / EVENTOUT -- - E4 13 PI11 I/O FT OTG_HS_ULPI_DIR / EVENTOUT -- -F2 14 VSS S -- -F3 15 VDD S - - 10 E2 16 PF0 I/O FT FSMC_A0 / I2C2_SDA / EVENTOUT -- 11 H3 17 PF1 I/O FT FSMC_A1 / I2C2_SCL / EVENTOUT -- 12 H2 18 PF2 I/O FT FSMC_A2 / I2C2_SMBA / EVENTOUT -- 13 J2 19 PF3 I/O FT (4) FSMC_A3/EVENTOUT ADC3_IN9 -- 14 J3 20 PF4 I/O FT (4) FSMC_A4/EVENTOUT ADC3_IN14 - - 15 K3 21 PF5 I/O FT (4) FSMC_A5/EVENTOUT ADC3_IN15 |