| Zakładka z wyszukiwarką danych komponentów |
|
LSM303DLHC Arkusz danych(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM303DLHC Arkusz danych(HTML) 23 Page - STMicroelectronics |
|
23 / 43 page ![]() LSM303DLHC Register mapping Doc ID 018771 Rev 1 23/42 Registers marked as “reserved” must not be changed. The writing to these registers may cause permanent damage to the device. The content of the registers that are loaded at boot should not be changed. They contain the factory calibrated values. Their content is automatically restored when the device is powered up. TIME_LATENCY_A Table 14 rw 3C 011 1100 00000000 TIME_WINDOW_A Table 14 rw 3D 011 1101 00000000 Reserved (do not modify) Table 14 3E-3F -- -- Reserved CRA_REG_M Table 16 rw 00 00000000 0001000 CRB_REG_M Table 16 rw 01 00000001 0010000 MR_REG_M Table 16 rw 02 00000010 00000011 OUT_X_H_M Table 16 r 03 00000011 output OUT_X_L_M Table 16 r 04 00000100 output OUT_Z_H_M Table 16 r 05 00000101 output OUT_Z_L_M Table 16 r 06 00000110 output OUT_Y_H_M Table 16 r 07 00000111 output OUT_Y_L_M Table 16 r 08 00001000 output SR_REG_Mg Table 16 r 09 00001001 00000000 IRA_REG_M Table 16 r 0A 00001010 01001000 IRB_REG_M Table 16 r 0B 00001011 00110100 IRC_REG_M Table 16 r 0C 00001100 00110011 Reserved (do not modify) Table 16 0D-30 -- -- Reserved TEMP_OUT_H_M Table 16 31 00000000 output TEMP_OUT_L_M Table 16 32 00000000 output Reserved (do not modify) Table 16 33-3A -- -- Reserved Table 17. Register address map (continued) Name Slave address Type Register address Default Comment Hex Binary |