Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN26024A Arkusz danych(PDF) 3 Page - Panasonic Battery Group

Numer części AN26024A
Szczegółowy opis  Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONICBATTERY [Panasonic Battery Group]
Strona internetowa  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

AN26024A Arkusz danych(HTML) 3 Page - Panasonic Battery Group

  AN26024A Datasheet HTML 1Page - Panasonic Battery Group AN26024A Datasheet HTML 2Page - Panasonic Battery Group AN26024A Datasheet HTML 3Page - Panasonic Battery Group AN26024A Datasheet HTML 4Page - Panasonic Battery Group AN26024A Datasheet HTML 5Page - Panasonic Battery Group AN26024A Datasheet HTML 6Page - Panasonic Battery Group AN26024A Datasheet HTML 7Page - Panasonic Battery Group AN26024A Datasheet HTML 8Page - Panasonic Battery Group AN26024A Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AN26024A
3
Ver. CEB
μA
90
30
VCC current at Low-Gain
mode, No input signal
ICCL
Supply current LG
V
3.6
1.48
VIH
Input voltage (High-Gain mode)
V
0.6
0
VIL
Input voltage (Low-Gain mode)
DC electrical characteristics
μA
45
30
Current at CNT pin
VIH = VCC
IIH
SW current (High)
mA
11
8
VCC current at High-Gain
mode, No input signal
ICCH
Supply current HG
Limits
Typ
Unit
Max
Note
Min
Condition
Symbol
Parameter
ELECRTRICAL CHARACTERISTICS
Note). Ta = 25°C±2°C,
VCC = 3.3 V
dB
–5
–7
–9
Low-Gain mode
PRX = –20 dBm
GLS
Power Gain LG
dBm
4
–1
High-Gain mode
f1 = fRX – 10 MHz
f2 = fRX – 20 MHz
Input 2 signals (f1, f2)
IIP3H1S
IIP3
–10 MHz offset HG
dB
18.5
17.0
15.5
High-Gain mode
GHS
Power Gain HG
AC electrical characteristics
Limits
Typ
Unit
Max
Note
Min
Condition
Symbol
Parameter
ELECRTRICAL CHARACTERISTICS (continued)
Note). Ta = 25°C±2°C,
VCC = 3.3 V,
fRX = 2.442 GHz, PRX = –30 dBm, CW unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com