Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MBR7545 Arkusz danych(PDF) 1 Page - Naina Semiconductor ltd.

Numer części MBR7545
Szczegółowy opis  Schottky Power Diode, 75A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NAINA [Naina Semiconductor ltd.]
Strona internetowa  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

MBR7545 Arkusz danych(HTML) 1 Page - Naina Semiconductor ltd.

  MBR7545 Datasheet HTML 1Page - Naina Semiconductor ltd. MBR7545 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
MBR7545 thru
MBR75100R
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Schottky Power Diode, 75A
Features
Fast Switching
Low forward voltage drop
High surge capability
High efficiency, low power loss
Normal and Reverse polarity
Maximum Ratings (TJ = 25
oC, unless otherwise noted)
Parameter
Test
Conditions
Symbol
MBR7545(R)
MBR7560(R)
MBR7580(R)
MBR75100(R)
Unit
Repetitive peak reverse voltage
VRRM
45
60
80
100
V
RMS reverse voltage
VRMS
32
42
57
70
V
DC blocking voltage
VDC
45
60
80
100
V
Continuous forward current
TC ≤ 100
oC
IF
75
75
75
75
A
Surge non-repetitive forward
current, half-sine wave
TC = 25
oC
IFSM
1000
1000
1000
1000
A
Forward voltage
IF = 75 A
TJ = 25
oC
VF
0.65
0.75
0.84
0.84
V
Reverse current
VR = 20V,
TJ = 25
oC
IR
5
5
5
5
mA
VR = 20V,
TJ = 125
oC
150
150
150
150
Thermal & Mechanical Specifications (TJ = 25
oC, unless otherwise noted)
Parameters
Symbol
MBR7545(R)
MBR7560(R)
MBR7580(R)
MBR75100(R)
Unit
Maximum thermal resistance, junction to
case
Rth(JC)
1.0
oC/W
Operating junction temperature range
TJ
-65 to 150
oC
Storage temperature
Tstg
-65 to 175
oC
Mounting torque (non-lubricated threads)
F
4.0
Nm
Approximate allowable weight
W
17.0
g
DO-203AB (DO-5)


Podobny numer części - MBR7545

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
MBR7545 IRF-MBR7545 Datasheet
26Kb / 3P
SCHOTTKY RECTIFIER
logo
TRANSYS Electronics Lim...
MBR7545 TEL-MBR7545 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
logo
Digitron Semiconductors
MBR7545 DIGITRON-MBR7545 Datasheet
316Kb / 2P
75A SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
MBR7545 NJSEMI-MBR7545 Datasheet
78Kb / 2P
SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
MBR7545 GENESIC-MBR7545 Datasheet
326Kb / 3P
Not ESD Sensitive
More results

Podobny opis - MBR7545

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
RHRG75120 FAIRCHILD-RHRG75120 Datasheet
341Kb / 4P
75A, 1200V Hyperfast Diode
logo
Intersil Corporation
RHRG75120 INTERSIL-RHRG75120 Datasheet
32Kb / 3P
75A, 1200V Hyperfast Diode
January 2000
RHRG7560 INTERSIL-RHRG7560 Datasheet
46Kb / 4P
75A, 600V Hyperfast Diode
January 2000
RHRU75120 INTERSIL-RHRU75120 Datasheet
42Kb / 3P
75A, 1200V Hyperfast Diode
April 1995
logo
Naina Semiconductor ltd...
MBR7520 NAINA-MBR7520 Datasheet
123Kb / 2P
Schottky Power Diode, 75A
logo
Digitron Semiconductors
MBR7535 DIGITRON-MBR7535 Datasheet
316Kb / 2P
75A SCHOTTKY RECTIFIER
logo
GeneSiC Semiconductor, ...
GD75MPS17-CAL GENESIC-GD75MPS17-CAL Datasheet
296Kb / 6P
1700V 75A SiC Schottky MPS??Diode
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X75-065P2B DACO-CSRI2X75-065P2B Datasheet
513Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
may 2023 Rev 1.0
CSRI2X75-120P1B DACO-CSRI2X75-120P1B Datasheet
392Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
CSRI2X75-170P1B DACO-CSRI2X75-170P1B Datasheet
378Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×75A
Feb 2023 Rev 1.2
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com