Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD675A Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BD675A
Szczegółowy opis  Medium Power Linear and Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD675A Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BD675A Datasheet HTML 1Page - Fairchild Semiconductor BD675A Datasheet HTML 2Page - Fairchild Semiconductor BD675A Datasheet HTML 3Page - Fairchild Semiconductor BD675A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle=1.5% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD675A
: BD677A
: BD679A
: BD681
45
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage
: BD675A
: BD677A
: BD679A
: BD681
45
60
80
100
V
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
4
A
ICP
*Collector Current (Pulse)
6
A
IB
Base Current
100
mA
PC
Collector Dissipation (TC=25°C)
40
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
*Collector-Emitter Sustaining Voltage
: BD675A
: BD677A
: BD679A
: BD681
IC = 50mA, IB = 0
45
60
80
100
V
V
V
V
ICBO
Collector-Base Voltage
: BD675A
: BD677A
: BD679A
: BD681
VCB = 45V, IE = 0
VCB = 60V, IE = 0
VCB = 80V, IE = 0
VCB = 100V, VBE = 0
200
200
200
200
µA
µA
µA
µA
ICEO
Collector Cut-off Current
: BD675A
: BD677A
: BD679A
: BD681
VCE = 45V, VBE = 0
VCE = 60V, VBE = 0
VCE = 80V, VBE = 0
VCE = 100V, VBE = 0
500
500
500
500
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
2
mA
hFE
* DC Current Gain
: BD675A/677A/679A
: BD681
VCE = 3V, IC = 2A
VCE = 3V, IC = 1.5A
750
750
VCE(sat)
* Collector-Emitter Saturation Voltage
: BD675A/677A/679A
: BD681
IC = 2A, IB = 40mA
IC = 1.5A, IB = 30mA
2.8
2.5
V
V
VBE(on)
* Base-Emitter ON Voltage : BD675A/677A/679A
: BD681
VCE = 3V, IC = 2A
VCE = 3V, IC = 1.5A
2.5
2.5
V
V
BD675A/677A/679A/681
Medium Power Linear and Switching
Applications
• Medium Power Darlington TR
• Complement to BD676A, BD678A, BD680A and BD682 respectively
1
TO-126
1. Emitter
2.Collector
3.Base


Podobny numer części - BD675A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BD675A MOTOROLA-BD675A Datasheet
112Kb / 4P
Plastic Medium-Power Silicon NPN Darlingtons
logo
ON Semiconductor
BD675A ONSEMI-BD675A Datasheet
60Kb / 4P
Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
logo
TRANSYS Electronics Lim...
BD675A TEL-BD675A Datasheet
130Kb / 3P
NPN PLASTIC POWER DARLINGTON TRANSISTORS
logo
Savantic, Inc.
BD675A SAVANTIC-BD675A Datasheet
103Kb / 3P
Silicon NPN Power Transistors
logo
ON Semiconductor
BD675A ONSEMI-BD675A Datasheet
109Kb / 4P
Plastic Medium?좵ower Silicon NPN Darlingtons
September, 2008 ??Rev. 13
More results

Podobny opis - BD675A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
Medium Power Linear and Switching Applications
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD681STU FAIRCHILD-BD681STU Datasheet
44Kb / 4P
Medium Power Linear and Switching Applications
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
Medium Power Linear and Switching Applications
BD240BTU FAIRCHILD-BD240BTU Datasheet
33Kb / 3P
Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com