| Zakładka z wyszukiwarką danych komponentów |
|
EOUPTRQNXCS Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
EOUPTRQNXCS Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 2 page ![]() a multiprocessing optimized tool chain— tools that customers are using to facilitate their transition from a uni-processing to a multicore model. QNX provides an environment that allows developers to extract the maximum performance from multicore processors. Adding ARM support was straightforward.” The groundwork the two companies did paid off early on. “An automotive OEM, our customer’s customer, wanted to see a demonstration of our customer’s (the Tier 1’s) infotainment platform at CES. The Tier 1 only had three months to pull this together,” said Kerry Johnson. “By leveraging the investments that QNX and Freescale had made up front and by basing their design on the QNX CAR platform, they were able to build it in time to successfully demo at CES. This is a remarkable achievement when you consider the complexity of today’s infotainment systems.” QNX CAR Application Platform The QNX CAR application platform is a pre- integrated software stack with production- proven QNX technologies and dozens of software ecosystem partners. This reference implementation and reskinable HMI allow development teams to easily create world- class infotainment systems. QNX CAR includes a wide array of QNX technologies: the QNX Neutrino® RTOS (already deployed in more than 20 million vehicles), a powerful multimedia framework, a best-in-class acoustic processing library, HTML5-based HMI technology and hundreds of services and utilities. QNX Software Systems offers RTOS technology, development tools, feature- rich middleware, professional services, and an integrated ecosystem for rock-solid embedded design and dramatically fast development time. To learn more, visit qnx.com. Freescale i.MX 6 Series Freescale’s i.MX 6 series is a scalable multicore platform that includes single-, dual- and quadcore families based on the ARM Cortex™-A9 architecture for next-generation consumer, industrial and automotive applications. By combining the power-efficient processing capabilities of the ARM Cortex-A9 architecture with 3D and 2D graphics, as well as high-definition video, the i.MX 6 series provides a new level of multimedia performance. Both QNX and Freescale have extensive expertise addressing the automotive market. However, it is only by working closely together that the two companies are able to deliver a complete, optimized hardware and software solution. That a customer was able to develop an advanced prototype in a highly compressed timeframe is a testament to the success of their collaboration. Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. All other product or service names are the property of their respective owners. ARM is a registered trademark of ARM Limited. ARM Cortex-A9 is a trademark of ARM Limited. © 2012 Freescale Semiconductor, Inc. Document Number: EOUPTRQNXCS REV 0 For more information about Freescale i.MX products, visit freescale.com/iMX |