| Zakładka z wyszukiwarką danych komponentów |
|
PSD301-B-70M Arkusz danych(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD301-B-70M Arkusz danych(HTML) 76 Page - STMicroelectronics |
|
76 / 85 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD3XX Family 73 PSD3XX Ordering Information (cont.) Temperature (Blank = Commercial, I = Industrial, M = Military) Package Type Speed (-70 = 70ns, -90 = 90ns, -15 = 150ns -20 = 200ns, -25 = 250ns) Revision (Blank = No Revision) Supply Voltage (Blank = 5V, V = 3 Volt) Base Part Number - see Selector Guide PSD (ST Programmable System Device) Fam. Power Down Feature (Blank = Standard, Z = Zero Power Feature) Z PSD -A -20 J I 413A2 V 22.2 Part Number Construction Operating Speed Temperature Part Number (ns) Package Type Range PSD301-B-70J 70 44 Pin PLDCC Comm’l PSD301-B-70L 70 44 Pin CLDCC Comm’l PSD301-B-70M 70 44 Pin PQFP Comm’l PSD301-B-70U 70 44 Pin TQFP Comm’l PSD301-B-90JI 90 44 Pin PLDCC Industrial PSD301-B-90LI 90 44 Pin CLDCC Industrial PSD301-B-90MI 90 44 Pin PQFP Industrial PSD301-B-90UI 90 44 Pin TQFP Industrial PSD301-B-15J 150 44 Pin PLDCC Comm’l PSD301-B-15L 150 44 Pin CLDCC Comm’l PSD301-B-15M 150 44 Pin PQFP Comm’l PSD301-B-15U 150 44 Pin TQFP Comm’l PSD301R-B-70J 70 44 Pin PLDCC Comm’l PSD301R-B-90JI 90 44 Pin PLDCC Industrial PSD301R-B-15J 150 44 Pin PLDCC Comm’l 22.3 Ordering Information Obsolete Product(s) - Obsolete Product(s) |