Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

B5220 Arkusz danych(PDF) 3 Page - EPCOS

Numer części B5220
Szczegółowy opis  SAW IF filter LTE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPCOS [EPCOS]
Strona internetowa  http://www.epcos.com
Logo EPCOS - EPCOS

B5220 Arkusz danych(HTML) 3 Page - EPCOS

  B5220 Datasheet HTML 1Page - EPCOS B5220 Datasheet HTML 2Page - EPCOS B5220 Datasheet HTML 3Page - EPCOS B5220 Datasheet HTML 4Page - EPCOS B5220 Datasheet HTML 5Page - EPCOS B5220 Datasheet HTML 6Page - EPCOS B5220 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
September 07, 2012
B5220
172.8 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS = 200 Ω balanced and matching network
Terminating load impedance:
ZL = 150 Ω balanced and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
172.8
MHz
Minimum insertion attenuation
α
min
9.4
10.5
dB
(including matching network)
Passband width
α
rel ≤ 1.0 dB
B1.0dB
21.0
26.0
MHz
Amplitude ripple (p-p)
∆α
fN ± 10.5 MHz
0.4
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 10.5 MHz
25
60
ns
Phase ripple (p-p)
∆ϕ
fN ± 10.5 MHz
3.0
10
°
Phase ripple (rms)
∆ϕ
rms
fN ± 10.5 MHz
0.7
°
Absolute group delay (mean)
τ
fN ± 10.5 MHz
0.72
µs
Relative attenuation (relative to
α
min)
α
rel
10.0 MHz ... 145.0 MHz
50
57
dB
145.0 MHz ... 153.5 MHz
10
36
dB
200.0 MHz ...
1.0 GHz
50
58
dB
Temperature coefficient of frequency
TCf
–87
ppm/K



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com