| Zakładka z wyszukiwarką danych komponentów |
|
PB137ACV Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PB137ACV Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 14 page ![]() Maximum ratings PB137 6/14 Doc ID 6278 Rev 5 4 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage 40 V IO Output current Internally limited mA PTOT Power dissipation Internally limited mW TSTG Storage temperature range - 65 to 150 °C TOP Operating junction temperature range 0 to 150 °C Table 3. Thermal data Symbol Parameter Value Unit RthJC Thermal resistance junction-case 5 °C/W RthJA Thermal resistance junction-ambient 50 °C/W |