| Zakładka z wyszukiwarką danych komponentów |
|
STM32F302CB Arkusz danych(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302CB Arkusz danych(HTML) 58 Page - STMicroelectronics |
|
58 / 133 page ![]() Electrical characteristics STM32F302xx/STM32F303xx 58/133 Doc ID 023353 Rev 5 6.3 Operating conditions 6.3.1 General operating conditions Table 22. General operating conditions Symbol Parameter Conditions Min Max Unit fHCLK Internal AHB clock frequency 0 72 MHz fPCLK1 Internal APB1 clock frequency 0 36 fPCLK2 Internal APB2 clock frequency 0 72 VDD Standard operating voltage 2 3.6 V VDDA Analog operating voltage (OPAMP and DAC not used) Must have a potential equal to or higher than VDD 23.6 V Analog operating voltage (OPAMP and DAC used) 2.4 3.6 VBAT Backup operating voltage 1.65 3.6 V VIN I/O input voltage TC I/O –0.3 VDD+0.3 V TTa I/O –0.3 VDDA+0.3 FT and FTf I/O(1) 1. To sustain a voltage higher than VDD+0.3 V, the internal pull-up/pull-down resistors must be disabled. –0.3 5.5 BOOT0 0 5.5 P D Power dissipation at TA = 85 °C for suffix 6 or TA = 105 °C for suffix 7(2) 2. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Table 21: Thermal characteristics). LQFP100 - 488 mW LQFP64 - 444 LQFP48 - 364 TA Ambient temperature for 6 suffix version Maximum power dissipation –40 85 °C Low power dissipation(3) 3. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Table 21: Thermal characteristics). –40 105 Ambient temperature for 7 suffix version Maximum power dissipation –40 105 °C Low power dissipation(3) –40 125 TJ Junction temperature range 6 suffix version –40 105 °C 7 suffix version –40 125 |