| Zakładka z wyszukiwarką danych komponentów |
|
VIPER27LN Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER27LN Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 31 page ![]() VIPER27 Electrical data Doc ID 15133 Rev 5 9/31 Figure 4. Minimum turn-on time test circuit Figure 5. Brown out threshold test circuit Figure 6. OVP threshold test circuit Note: Adjust VDD above VDDon start-up threshold before settings to 14 V 14 V 3.5 V 50 Ω 30 V GND CONT FB VDD DRAIN BR DRAIN VDRAIN IDRAIN IDLIM Time Time TONmin 90 % 10 % GND CONT FB VDD DRAIN BR DRAIN 14 V 2 V 10 k Ω 30 V IBRhyst VBRth+VBRhyst VBRth VBR IBR VDIS IBRhyst IDRAIN Time Time Time GND CONT FB VDD DRAIN BR DRAIN VOVP VCONT VDRAIN 14 V 2 V 10 k Ω 30 V Time Time |