| Zakładka z wyszukiwarką danych komponentów |
|
ADRF6518ACPZ-R7 Arkusz danych(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADRF6518ACPZ-R7 Arkusz danych(HTML) 5 Page - Analog Devices |
|
5 / 36 page ![]() Preliminary Technical Data ADRF6518 Rev. PrA | Page 5 of 36 TIMING DIAGRAMS Figure 2. Write Mode Timing Diagram Figure 3. Read Mode Timing Diagram WRITE BIT MSB - 2 B2 LSB tDS tDH tLH tLS tPW tCLK NOTES 1. THE FIRST DATA BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL 8-BIT REGISTER. FOR A WRITE OPERATION, THE FIRST BIT SHOULD BE A LOGIC 1. THE 8-BIT WORD IS THEN WRITTEN TO THE DATA PIN ON CONSECUTIVE RISING EDGES OF THE CLOCK. CLK LE DATA B3 B7 MSB B4 B5 B6 DON’T CARE DON’T CARE READ BIT DON’T CARE DON’T CARE DON’T CARE DON’T CARE DON'T CARE B2 LSB CLK LE DATA SDO NOTES 1. THE FIRST DATA BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL 8-BIT REGISTER. FOR A READ OPERATION, THE FIRST BIT SHOULD BE A LOGIC 0. THE 8-BIT WORD IS THEN REGISTERED AT THE SDO PIN ON CONSECUTIVE FALLING EDGES OF THE CLOCK. B3 B4 B5 B6 B7 MSB DON’T CARE DON’T CARE tDS tDH tLH tLS tPW tCLK tD |