| Zakładka z wyszukiwarką danych komponentów |
|
LCWF Arkusz danych(PDF) 1 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
LCWF Arkusz danych(HTML) 1 Page - AVX Corporation |
|
1 / 12 page ![]() 31 Wire Wound Chip Inductor (Ferrite) LCWF Series DIMENSIONS Figure 1 A G F BC C KD DE E E D H PAD LAYOUT II J BA A B C I J I H H F Figure 2 Terminal Wraparound Terminal Wraparound Figure 3 Style Size Figure AB C D EF G H I J K Weight (g) (inch) Max. Max. Max. Ref. (1000pcs) G 0603 1 1.80 1.20 1.00 0.45 – 0.33 0.95 1.02 1.64 0.64 1.05 9.6 (0.071) (0.047) (0.039) (0.018) (0.013) (0.037) (0.040) (0.065) (0.025) (0.042) G 0805 1 2.40 1.71 1.45 0.65 – 0.44 1.02 1.78 1.02 0.76 1.27 14 (0.094) (0.067) (0.057) (0.026) (0.017) (0.040) (0.070) (0.040) (0.030) (0.050) G 1008 1 2.92 2.79 2.10 1.20 – 0.45 1.52 2.54 1.02 1.27 2.03 30 (0.115) (0.110) (0.083) (0.047) (0.018) (0.060) (0.100) (0.040) (0.050) (0.080) G 1210 2 3.50 2.80 2.50 1.60 0.80 –– 2.00 1.20 1.60 –40 (0.138) (0.110) (0.098) (0.063) (0.031) (0.079) (0.047) (0.063) G 1812 2 4.80 3.50 3.50 1.80 1.10 –– 2.80 1.50 3.00 – 160 (0.189) (0.138) (0.138) (0.071) ( 0.043) (0.110) (0.059) (0.118) G 2220 3 5.90 5.20 4.30 4.00±0.2 0.70±0.20 –– 4.50 2.00 4.00 – 300 (0.232) (0.205) (0.169) (0.157±0.008) (0.028±0.008) (0.177) (0.079) (0.157) R 0805 1 2.29 1.73 1.00 0.51 – 0.44 1.02 1.78 1.02 0.76 1.27 14 (0.090) (0.068) (0.039) (0.020) (0.017) (0.040) (0.070) (0.040) (0.030) (0.050) H 0603 1 1.80 1.20 1.10 0.45 – 0.33 0.95 1.02 1.64 0.64 1.05 9.6 (0.071) (0.047) (0.043) (0.018) (0.013) (0.037) (0.040) (0.065) (0.025) (0.041) H 0805 1 2.40 1.71 1.45 0.65 – 0.44 1.02 1.78 1.02 0.76 1.27 14 (0.094) (0.067) (0.057) (0.026) (0.017) (0.040) (0.070) (0.040) (0.030) (0.050) H 1008 1 2.92 2.79 2.10 1.30 – 0.45 1.52 2.54 1.02 1.27 2.03 30 (0.115) (0.110) (0.083) (0.051) (0.018) (0.060) (0.100) (0.040) (0.050) (0.080) H 1812 2 4.80 3.50 3.50 1.40 1.10 –– 2.80 1.50 3.00 – 160 (0.189) (0.138) (0.138) (0.055) (0.043) (0.110) (0.059) (0.118) H 2220 3 5.90 5.20 4.30 4.00±0.20 0.70±0.20 –– 4.50 2.00 4.00 – 300 (0.232) (0.205) (0.169) (0.157±0.008) (0.028±0.008) (0.177) (0.079) (0.157) mm (inches) Molded Resin Ferrite Core Electrode (Ag) Magnet Wire Magnet Wire Ferrite Core UV Glue Electrode (Ag/Pd+Ni+Sn) FEATURES • Very strong solderability by reflow soldering, soldering iron or wave soldering • Highly accurate dimensions • Automated mounting capable • Terminals are highly resistant to pull forces • Highly resistant to mechanical shocks and pressure • Highly reliable in sudden temperature and humidity changes • Superb Q characteristics APPLICATIONS • DC/DC Converters • LCD Televisions • Personal Computers • Tablets • Cell Phones • Automotive Sound Systems • Mobile Communications Devices CONSTRUCTION These revolutionary, high reliability wound chip inductors have been developed in response to the trend toward higher densities in electronic equipment. With metal terminals and a body of heat resistant resin, these inductors offer many superior features. |
Podobny numer części - LCWF |
|
Podobny opis - LCWF |