| Zakładka z wyszukiwarką danych komponentów |
|
LCMXO2-640ZE-3TG100C Arkusz danych(PDF) 7 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LCMXO2-640ZE-3TG100C Arkusz danych(HTML) 7 Page - Lattice Semiconductor |
|
7 / 106 page ![]() 2-3 Architecture MachXO2 Family Data Sheet Slices Slices 0-3 contain two LUT4s feeding two registers. Slices 0-2 can be configured as distributed memory. Table 2-1 shows the capability of the slices in PFU blocks along with the operation modes they enable. In addition, each PFU contains logic that allows the LUTs to be combined to perform functions such as LUT5, LUT6, LUT7 and LUT8. The control logic performs set/reset functions (programmable as synchronous/ asynchronous), clock select, chip- select and wider RAM/ROM functions. Table 2-1. Resources and Modes Available per Slice Figure 2-4 shows an overview of the internal logic of the slice. The registers in the slice can be configured for posi- tive/negative and edge triggered or level sensitive clocks. All slices have 15 inputs from routing and one from the carry-chain (from the adjacent slice or PFU). There are seven outputs: six for routing and one to carry-chain (to the adjacent PFU). Table 2-2 lists the signals associated with Slices 0-3. Figure 2-4. Slice Diagram Slice PFU Block Resources Modes Slice 0 2 LUT4s and 2 Registers Logic, Ripple, RAM, ROM Slice 1 2 LUT4s and 2 Registers Logic, Ripple, RAM, ROM Slice 2 2 LUT4s and 2 Registers Logic, Ripple, RAM, ROM Slice 3 2 LUT4s and 2 Registers Logic, Ripple, ROM LUT4 & Carry Slice Flip-flop/ Latch OFX0 F0 Q0 CI CO LUT4 & Carry CI CO OFX1 F1 Q1 F/SUM F/SUM D D FCI From Different Slice/PFU Memory & Control Signals FCO To Different Slice/PFU LUT5 Mux From Routing To Routing For Slices 0 and 1, memory control signals are generated from Slice 2 as follows: • WCK is CLK • WRE is from LSR • DI[3:2] for Slice 1 and DI[1:0] for Slice 0 data from Slice 2 • WAD [A:D] is a 4-bit address from slice 2 LUT input A0 C0 D0 A1 B1 C1 D1 CE CLK LSR M1 M0 FXB FXA B0 Flip-flop/ Latch |