| Zakładka z wyszukiwarką danych komponentów |
|
6TPB100MC Arkusz danych(PDF) 2 Page - Sanyo Semicon Device |
|
|
|||||||||||||||||||||||||||||
6TPB100MC Arkusz danych(HTML) 2 Page - Sanyo Semicon Device |
|
2 / 2 page ![]() RoHS compliance Solid Electrolytic Capacitors with Polymerized Organic Semiconductor 21 Characteristics List * 1 100k to 500kHz,45°C Size code SANYO Part number Rated Voltage (V) Rated Capacitance (µF) D.F. (%max.) L.C. (µA) max./5min. E.S.R. (m Ωmax.) 100kHz/20°C Maximum allowable ripple current (mArms) 100kHz * 1 C 10TPB68MC 10TPB47MC 8TPB82MC 6TPB150MC 6TPB100MC 4TPB220MC 4TPB150MC 2R5TPB220MC 10.0 10.0 8.0 6.3 6.3 4.0 4.0 2.5 10.0 10.0 10.0 6.3 6.3 6.3 4.0 4.0 4.0 2.5 2.5 2.5 10.0 6.3 4.0 2.5 10.0 10.0 6.3 6.3 4.0 4.0 2.5 2.5 68 47 82 150 100 220 150 220 220 150 100 330 220 150 470 330 220 680 470 330 100 150 220 330 330 220 470 330 680 470 1000 680 8.0 8.0 8.0 8.0 8.0 8.0 8.0 8.0 10.0 10.0 8.0 10.0 10.0 8.0 10.0 10.0 8.0 10.0 10.0 8.0 8.0 8.0 8.0 8.0 10.0 10.0 15.0 10.0 15.0 10.0 15.0 10.0 68.0 47.0 65.6 94.5 63.0 88.0 60.0 55.0 220.0 150.0 100.0 207.9 138.6 94.5 188.0 132.0 88.0 170.0 117.5 82.5 100.0 94.5 88.0 82.5 330.0 220.0 296.1 207.9 272.0 188.0 250.0 170.0 55 55 45 45 45 45 45 45 40 40 55 40 40 55 40 40 55 40 40 55 55 55 65 65 35 40 35 40 35 40 30 40 1500 1500 1700 1700 1700 1700 1700 1700 2000 2000 1900 2000 2000 1900 2000 2000 1900 2000 2000 1900 32a 1900 1900 1500 1500 3000 3000 3000 3000 3000 3000 3000 3000 10TPB220ML 10TPB150ML 10TPB100ML 6TPB330ML 6TPB220ML 6TPB150ML 4TPB470ML 4TPB330ML 4TPB220ML 2R5TPB680ML 2R5TPB470ML 2R5TPB330ML 10TPB100M 6TPB150M 4TPB220M 2R5TPB330M 10TPB330M 10TPB220M 6TPB470M 6TPB330M 4TPB680M 4TPB470M 2R5TPB1000M 2R5TPB680M D3L D3 D4 Rated Temperature (°C) 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 105 Reflow Temp. ≤ 260°C MSL Reflow Temp. ≤ 250°C T P B |