| Zakładka z wyszukiwarką danych komponentów |
|
TC1189-SECT Arkusz danych(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC1189-SECT Arkusz danych(HTML) 5 Page - Microchip Technology |
|
5 / 18 page ![]() 2002-2012 Microchip Technology Inc. DS21364C-page 5 TC1188/TC1189 FIGURE 2-7: Power Supply Rejection Ratio vs. Frequency. (TC1188) FIGURE 2-8: TC1189 Shutdown Transient Response. FIGURE 2-9: TC1189 Shutdown Transient Response. FIGURE 2-10: TC1189 Line Response. FIGURE 2-11: Wake-Up Response Time. FREQUENCY (kHz) 10 100 1K 10K 1M 10M 100K COUT = 1μF -10 -20 -30 -40 -60 -70 -50 -80 -90 -100 VOUT = 2.84V RLOAD = 50Ω 100mV p-p CH2 GND CH1 GND 200 μsec/Div SHDN SHDN = 0V VOUT = 0.5V/DIV T = 25 ° CIN = 1μF CL =1μF RL = ∞ CH2 GND CH1 GND CH1 CH2 200 μsec/Div CIN = 1μF COUT =1μF RL = 100Ω VIN = 3.5V T T XSHDN = 3V Turn On Time = 150 μS No Overshoot VOUT = 2.7V XSHDN = 0V VOUT = 0V CH2 GND CH2 CH1 GND CH1 100 μsec/Div CIN = COUT = 1μF, RL = 470Ω, XSHDN = 3.5V T T VOUTAC 20μV/DIV VIN = 4.5V VIN = 3.5V TIME (100 μs/Div) SHDN VOUT 0V 2.8V 0V 3V VIN = 3.6V ILOAD = 30mA CIN = 1μF CLOAD = 1μF |