| Zakładka z wyszukiwarką danych komponentów |
|
AD1583ARTZ-R2 Arkusz danych(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD1583ARTZ-R2 Arkusz danych(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() Data Sheet AD1582/AD1583/AD1584/AD1585 Rev. J | Page 13 of 16 100 90 0 1 1M 10 100 1k 10k 100k 50 20 80 70 60 40 30 10 AD1582 AD1585 FREQUENCY (Hz) Figure 18. Ripple Rejection vs. Frequency NOISE PERFORMANCE AND REDUCTION The noise generated by the AD1582/AD1583/AD1584/AD1585 is typically less than 70 µV p-p over the 0.1 Hz to 10 Hz frequency band. Figure 19 shows the 0.1 Hz to 10 Hz noise of a typical AD1582/AD1583/AD1584/AD1585. The noise measurement is made with a high gain band-pass filter. Noise in a 10 Hz to 10 kHz region is approximately 50 µV rms. Figure 20 shows the broadband noise of a typical AD1582/AD1583/AD1584/AD1585. If further noise reduction is desired, add a 1-pole, low-pass filter between the output pin and ground. A time constant of 0.2 ms has a −3 dB point at roughly 800 Hz and reduces the high frequency noise to about 16 V rms. It should be noted, however, that while additional filtering on the output can improve the noise performance of the AD1582/AD1583/ AD1584/AD1585, the added output impedance can degrade the ac performance of the references. 100 90 10 0% 10µV 1s Figure 19. 10 Hz to 10 kHz Wideband Noise 10 0% 100 90 10ms 100µV Figure 20. 1 Hz to 10 Hz Voltage Noise TURN-ON TIME Many low power instrument manufacturers are concerned with the turn-on characteristics of the components used in their systems. Fast turn-on components often enable the end user to save power by keeping power off when not needed. Turn-on settling time is defined as the time required, after the application of power (cold start), for the output voltage to reach its final value within a specified error. The two major factors affecting this are the active circuit settling time and the time required for the thermal gradients on the chip to stabilize. Figure 21 shows the turn-on settling and transient response test circuit. Figure 22 shows the turn-on characteristics of the AD1582/AD1583/ AD1584/AD1585. These characteristics are generated from cold- start operation and represent the true turn-on waveform after power-up. Figure 23 shows the fine settling characteristics of the AD1582/AD1583/AD1584/AD1585. Typically, the reference settles to within 0.1% of its final value in about 100 µs. The device can momentarily draw excessive supply current when VSUPPLY is slightly below the minimum specified level. Power supply resistance must be low enough to ensure reliable turn-on. Fast power supply edges minimize this effect. 0.22µF 0.22µF 0V OR 10V 0V TO 10V 10k Ω 10k Ω DUT VOUT 5V OR 10V 0V OR 5V Figure 21. Turn-On/Transient Response Test Circuit |