| Zakładka z wyszukiwarką danych komponentów |
|
ADE7753ARSZRL Arkusz danych(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7753ARSZRL Arkusz danych(HTML) 28 Page - Analog Devices |
|
28 / 60 page ![]() ADE7753 Rev. C | Page 28 of 60 FREQUENCY (Hz) 0.4 54 56 58 60 62 64 66 0.3 0.2 0.1 0.0 –0.1 –0.2 –0.3 –0.4 02875-0-059 Figure 60. Combined Gain Response of the HPF and Phase Compensation ACTIVE POWER CALCULATION Power is defined as the rate of energy flow from source to load. It is defined as the product of the voltage and current wave- forms. The resulting waveform is called the instantaneous power signal and is equal to the rate of energy flow at every instant of time. The unit of power is the watt or joules/sec. Equation 9 gives an expression for the instantaneous power signal in an ac system. v(t) = ) sin( 2 t V ω × (7) i(t) = ) sin( 2 t I ω × (8) where: V is the rms voltage. I is the rms current. ) ( ) ( ) ( t i t v t p × = ) 2 cos( ) ( t VI VI t p ω − = (9) The average power over an integral number of line cycles (n) is given by the expression in Equation 10. P = ∫ = nT VI dt t p nT 0 ) ( 1 (10) where: T is the line cycle period. P is referred to as the active or real power. Note that the active power is equal to the dc component of the instantaneous power signal p(t) in Equation 8, i.e., VI. This is the relationship used to calculate active power in the ADE7753. The instantaneous power signal p(t) is generated by multiplying the current and voltage signals. The dc component of the instantaneous power signal is then extracted by LPF2 (low-pass filter) to obtain the active power information. This process is illustrated in Figure 61. INSTANTANEOUS POWER SIGNAL p(t) = v ×i-v×i×cos(2ωt) ACTIVE REAL POWER SIGNAL = v × i 0x19999A VI 0xCCCCD 0x00000 CURRENT i(t) = 2 ×i×sin(ωt) VOLTAGE v(t) = 2 ×v×sin(ωt) 02875-0-060 Figure 61. Active Power Calculation Since LPF2 does not have an ideal “brick wall” frequency response—see Figure 62, the active power signal has some ripple due to the instantaneous power signal. This ripple is sinusoidal and has a frequency equal to twice the line frequency. Because the ripple is sinusoidal in nature, it is removed when the active power signal is integrated to calculate energy—see the Energy Calculation section. FREQUENCY (Hz) –24 1 –20 3 10 30 100 –12 –16 –8 –4 0 02875-0-061 Figure 62. Frequency Response of LPF2 |