Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1752ACPZ-1.0-R7 Arkusz danych(PDF) 18 Page - Analog Devices

Numer części ADP1752ACPZ-1.0-R7
Szczegółowy opis  0.8 A, Low VIN, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1752ACPZ-1.0-R7 Arkusz danych(HTML) 18 Page - Analog Devices

Back Button ADP1752ACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP1752ACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP1752ACPZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP1752ACPZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP1752ACPZ-1.0-R7 Datasheet HTML 16Page - Analog Devices ADP1752ACPZ-1.0-R7 Datasheet HTML 17Page - Analog Devices ADP1752ACPZ-1.0-R7 Datasheet HTML 18Page - Analog Devices ADP1752ACPZ-1.0-R7 Datasheet HTML 19Page - Analog Devices ADP1752ACPZ-1.0-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADP1752/ADP1753
Data Sheet
Rev. E | Page 18 of 20
PCB LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increas-
ing the amount of copper attached to the pins of the ADP1752/
ADP1753. However, as shown in Table 6, a point of diminishing
returns is eventually reached, beyond which an increase in the
copper size does not yield significant heat dissipation benefits.
Here are a few general tips when designing PCBs:
•
Place the input capacitor as close as possible to the VIN
and GND pins.
•
Place the output capacitor as close as possible to the VOUT
and GND pins.
•
Place the soft start capacitor as close as possible to the SS pin.
•
Connect the load as close as possible to the VOUT and
SENSE pins (ADP1754) or to the VOUT and ADJ pins
(ADP1755).
Use of 0603 or 0805 size capacitors and resistors achieves the
smallest possible footprint solution on boards where area is
limited.
Figure 46. Evaluation Board
Figure 47. Typical Board Layout—Top Side
Figure 48. Typical Board Layout—Bottom Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20