| Zakładka z wyszukiwarką danych komponentów |
|
REF01AJ/883C Arkusz danych(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF01AJ/883C Arkusz danych(HTML) 3 Page - Analog Devices |
|
3 / 12 page ![]() REF01 Rev. H | Page 3 of 12 SPECIFICATIONS ELECTRICAL SPECIFICATIONS @ VIN = 15 V, TA = 25°C, unless otherwise noted. Table 1. REF01A/REF01E REF01H Parameter Symbol Conditions Min Typ Max Min Typ Max Unit Output Voltage VO IL = 0 mA 9.97 10.00 10.03 9.95 10.00 10.05 V Output Adjustment Range ∆VTRIM RP = 10 kΩ ±3.0 ±3.3 ±3.0 ±3.3 % Output Voltage Noise1 S, Z, P Packages J, 883 Parts en p-p en p-p 0.1 Hz to 10 Hz 0.1 Hz to 10 Hz 30 35 30 35 µV p-p µV p-p Line Regulation2 VIN = 13 V to 33 V 0.006 0.010 0.006 0.010 %/V Load Regulation2 IL = 0 mA to 10 mA 0.005 0.008 0.006 0.010 %/mA Turn-On Settling Time3 tON To ± 0.1% of final value 5 5 µs Quiescent Supply Current ISY No load 1.0 1.4 1.0 1.4 mA Load Current IL 10 10 mA Sink Current4 IS −0.3 −0.5 −0.3 −0.5 mA Short-Circuit Current ISC VO = 0 30 30 mA 1 Sample tested. 2 Line and load regulation specifications include the effect of self-heating. 3 Guaranteed by design, not production tested. 4 During sink current test, the device meets the output voltage specified. @ VIN = 15 V, −55°C ≤ TA ≤ +125°C for REF01A/REF01E, and 0°C ≤ TA ≤ 70°C for REF01H, and IL = 0 mA, unless otherwise noted. Table 2. REF01A/REF01E REF01H Parameter Symbol Conditions Min Typ Max Min Typ Max Unit Output Voltage Change ∆VOT 0°C ≤ TA ≤ 70°C 0.02 0.06 0.07 0.17 % with Temperature1, 2 −55°C ≤ TA ≤+ 125°C 0.06 0.15 0.18 0.45 % Output Voltage TCVO 3.0 8.5 10.0 25.0 ppm/°C Temperature Coefficient3 Change in VO Temperature Coefficient RP = 10 kΩ 0.7 0.7 ppm/% with Output Adjustment Line Regulation 0°C ≤ TA ≤ 70°C 0.007 0.012 0.007 0.012 %/V (VIN = 13 V to 33 V)4 −55°C ≤ TA ≤ + 125°C 0.009 0.015 0.009 0.015 %/V Load Regulation 0°C ≤ TA ≤ 70°C 0.006 0.010 0.007 0.012 %/mA (IL = 0 mA to 8 mA)4 −55°C ≤ TA ≤ + 125°C 0.007 0.012 0.009 0.015 %/mA 1 ∆VOT is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the specified temperature range expressed as a percentage of 10 V: 100 V 10 × − = ∆ MIN MAX OT V V V 2 ∆VOT specification applies trimmed to 10000 V or untrimmed. 3 TCVO is defined as ∆Var divided by the temperature range; therefore, () () C 70 C 70 C 0 C 70 C 0 ° ° + ° ∆ = ° + ° to V to TCV OT O and () () C 180 C 125 C 55 C 125 C 55 ° ° + ° − ∆ = ° + ° − to V to TCV OT O 4 Line and load regulation specifications include the effect of self-heating. |