| Zakładka z wyszukiwarką danych komponentów |
|
ADM1817-R23ARTZ-R72 Arkusz danych(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1817-R23ARTZ-R72 Arkusz danych(HTML) 4 Page - Analog Devices |
|
4 / 16 page ![]() ADM1810 to ADM1813/ADM1815 to ADM1818 Rev. E | Page 4 of 16 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 2. Parameter Rating VCC −0.3 V to +6.0 V Input Current 20 mA Operating Temperature Range −40°C to +105°C Storage Temperature Range −65°C to +150°C θJA Thermal Impedance, SOT-23 270°C/W θJA Thermal Impedance, SC70 146°C/W Lead Temperature (Soldering, 10 sec) 300°C Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |