| Zakładka z wyszukiwarką danych komponentów |
|
ADP162AUJZ-2.8-R7 Arkusz danych(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP162AUJZ-2.8-R7 Arkusz danych(HTML) 3 Page - Analog Devices |
|
3 / 24 page ![]() Data Sheet ADP160/ADP161/ADP162/ADP163 Rev. G | Page 3 of 24 SPECIFICATIONS VIN = (VOUT + 0.5 V) or 2.2 V, whichever is greater; EN = VIN, IOUT = 10 mA, CIN = COUT = 1 µF, TA = 25°C, unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ Max Unit INPUT VOLTAGE RANGE V IN T J = −40°C to +125°C 2.2 5.5 V OPERATING SUPPLY CURRENT I GND I OUT = 0 µA 560 1250 nA I OUT = 0 µA, TJ = −40°C to +125°C 2.3 µA I OUT = 1 µA 860 1800 nA I OUT = 1 µA, TJ = −40°C to +125°C 2.8 µA I OUT = 100 µA 2.6 4.5 µA I OUT = 100 µA, TJ = −40°C to +125°C 5.8 µA I OUT = 10 mA 11 µA I OUT = 10 mA, TJ = −40°C to +125°C 19 µA I OUT = 150 mA 42 µA I OUT = 150 mA, TJ = −40°C to +125°C 65 µA SHUTDOWN CURRENT I GND-SD EN = GND 50 nA EN = GND, T J = −40°C to +125°C 1 µA OUTPUT VOLTAGE ACCURACY V OUT I OUT = 10 mA −1 +1 % 0 µA < I OUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V −2 +2 % 0 µA < I OUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V, T J = −40°C to +125°C −3.5 +3.5 % ADJUSTABLE-OUTPUT VOLTAGE ACCURACY (ADP161/ADP163)1 V ADJ I OUT = 10 mA 0.99 1.0 1.01 V 0 µA < I OUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V 0.98 1.02 V 0 µA < I OUT < 150 mA, VIN = (VOUT + 0.5 V) to 5.5 V, T J = −40°C to +125°C 0.97 1.03 V REGULATION Line Regulation ∆V OUT/∆VIN V IN = (VOUT + 0.5 V) to 5.5 V, TJ = −40°C to +125°C −0.1 +0.1 %/V Load Regulation2 ∆V OUT/∆IOUT I OUT = 100 μA to 150 mA 0.004 %/mA I OUT = 100 μA to 150 mA, TJ = −40°C to +125°C 0.01 %/mA DROPOUT VOLTAGE3 V OUT = 3.3 V 4-Ball WLCSP V DROPOUT I OUT = 10 mA 7 mV I OUT = 10 mA, TJ = −40°C to +125°C 13 mV I OUT = 150 mA 105 mV I OUT = 150 mA, TJ = −40°C to +125°C 195 mV 5-Lead TSOT I OUT = 10 mA 8 mV I OUT = 10 mA, TJ = −40°C to +125°C 15 mV I OUT = 150 mA 120 mV I OUT = 150 mA, TJ = −40°C to +125°C 225 mV ADJ INPUT BIAS CURRENT (ADP161/ADP163) ADJ I-BIAS 2.2 V ≤ V IN ≤ 5.5 V, ADJ connected to VOUT 10 nA ACTIVE PULL-DOWN RESISTANCE (ADP160/ADP161) T SHUTDOWN V OUT = 2.8 V, RLOAD = ∞ 300 600 Ω START-UP TIME4 T START-UP V OUT = 3.3 V 1100 µs CURRENT LIMIT THRESHOLD5 I LIMIT 220 320 500 mA THERMAL SHUTDOWN Thermal Shutdown Threshold TS SD T J rising 150 °C Thermal Shutdown Hysteresis TS SD-HYS 15 °C EN INPUT En Input Logic High V IH 2.2 V ≤ V IN ≤ 5.5 V 1.2 V EN Input Logic Low V IL 2.2 V ≤ V IN ≤ 5.5 V 0.4 V EN Input Leakage Current V I-LEAKAGE EN = V IN or GND 0.1 µA EN = V IN or GND, TJ = −40°C to +125°C 1 µA |