| Zakładka z wyszukiwarką danych komponentów |
|
BA03CC0FP-E2 Arkusz danych(PDF) 14 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA03CC0FP-E2 Arkusz danych(HTML) 14 Page - Rohm |
|
14 / 23 page ![]() Datasheet 14/20 BAxxDD0xx BAxxCC0xx TSZ02201-0R6R0A600130-1-2 © 2012 ROHM Co., Ltd. All rights reserved. TSZ22111・15・001 26.Jun.2012 Rev.001 www.rohm.com When using at temperatures over Ta=25℃, please refer to the heat reducing characteristics shown in Fig.29 through 31. The IC characteristics are closely related to the temperature at which the IC is used and if the temperature exceeds the maximum junction temperature TjMAX., the elements may be damaged or destroyed. From the standpoints of instantaneous destruction and long-term operating reliability, it is necessary give sufficient consideration to IC heat. In order to protect the IC from thermal damage, it is necessary to operate it at temperatures lower than the maximum junction temperature TjMAX of the IC. Fig.30 shows the acceptable loss and heat reducing characteristics of the TO220FP package The portion shown by the diagonal line is the acceptable loss range that can be used with the IC alone. Even when the ambient temperature Ta is a normal temperature (25℃), the chip (junction) temperature Tj may be quite high so please operate the IC at temperatures less than the acceptable loss Pd. The method of calculating the power consumption Pc (W) is as follows. Pc = (Vcc-Vo) × Io + Vcc × Icca Acceptable loss Pd≦Pc Solving this for load current IO in order to operate within the acceptable loss: Io≦ (Please refer to Fig.10 and 22 for Icca.) It is then possible to find the maximum load current IoMAX with respect to the applied voltage Vcc at the time of thermal design. ・Calculation Example Example 1) When Ta=85℃, Vcc=8.3V, Vo=3.3V, BA33DD0WT Io≦ With the IC alone : θja=62.5℃/W → -16mW/℃ Io≦200mA (Icca : 2mA) 25℃=2000mW → 85℃=1040mW Please refer to the above information and keep thermal designs within the scope of acceptable loss for all operating temperature ranges. The power consumption Pc of the IC when there is a short circuit (short between Vo and GND) is: Pc=Vcc×(Icca+Ishort) *Ishort: Short circuit current ●Peripheral Circuit Considerations ・Vcc Terminal Please attach a capacitor (greater than 0.33µF) between the Vcc and GND. The capacitance values will differ depending on the application, so please take this into account when configuring the terminal. ・GND Terminal Please be sure to keep the set ground and IC ground at the same potential level so that a potential difference does not arise between them. If a potential difference arises between the set ground and the IC ground, the preset voltage will not be outputted, causing the system to become unstable. Therefore, please reduce the impedance by making the ground patterns as wide as possible and by reducing the distance between the set ground and the IC ground as much as possible. ・CTL Terminal The CTL terminal is turned ON at 2.0V and higher and OFF at 0.8V and lower within the operating power supply voltage range. The power supply and the CTL terminal may be started up and shut down in any order without problems. ●Vo Terminal Fig.32 Output Equivalent Circuit Fig.33 ESR-Io Characteristics Fig.34 ESR vs. Io Characteristics (BAxxCC0) (BAxxDD0) Please attach an anti-oscillation capacitor between Vo and GND. The capacitance of the capacitor may significantly change due to factors such as temperature changes, making it impossible to completely stop oscillations. Please use a tantalum capacitor or aluminum electrolysis capacitor with favorable characteristics and small internal series resistance (ESR) even at low temperatures. The output fluctuates regardless of whether the ESR is large or small. Please use the IC within the stable operating region while referring to the ESR characteristics reference data shown in Fig.32 through 34. In applications where there are sudden load fluctuations, the use of a capacitor with large capacitance is recommended. Pd – Vcc×Icca Vcc-Vo Vcc: Vo: Io: Vcca: Input voltage Output voltage Load current Circuit current 1.04-8.3×Icca 5 OUT 22μF IC OUTPUT CURRENT:lo(mA) 10000 1 0.1 1 10 1 Unstable operating region Unstable operating region Stable operating region 10 100 1000 100 200 400 800 1000 0.1 1 10 Stable operating region 0 600 Unstable operating region Unstable operating region OUTPUT CURRENT:lo(mA) 100 |