| Zakładka z wyszukiwarką danych komponentów |
|
M24C16-R Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C16-R Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 38 page ![]() Package mechanical data M24C16, M24C08, M24C04, M24C02, M24C01 28/38 Doc ID 5067 Rev 17 Table 18. M24C08: Thin WLCSP (0.3 mm height), 0.4 mm pitch, 5 bumps, package data(1) 1. Preliminary data. Symbol millimeters inches(2) 2. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 0.300 0.270 0.330 0.0118 0.0096 0.0140 A1 0.100 - - 0.0039 - - A2 0.200 - - 0.0079 - - b 0.160 -- 0.0063 -- D 1.215 - 1.340 0.0478 - 0.0528 E 1.025 - 1.150 0.0404 - 0.0453 e 0.400 - - 0.0157 - - e1 0.693 - - 0.0273 - - e2 0.346 - - 0.0136 - - F 0.313 - - 0.0123 - - G 0.261 - - 0.0103 - - N(3) 3. N is the total number of terminals. 55 Table 19. M24C16: WLCSP (0.5 mm height) 0.4 mm pitch, 5 bumps, package data(1) 1. Preliminary data. Symbol millimeters inches(2) 2. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 0.545 0.495 0.595 0.0215 0.0195 0.0234 A1 0.190 0.165 0.215 0.0075 0.0065 0.0085 A2 0.355 0.330 0.380 0.0140 0.0130 0.0150 b 0.270 0.240 0.300 0.0106 0.0094 0.0118 D 1.255 1.235 1.275 0.0494 0.0486 0.0502 E 1.210 1.190 1.230 0.0476 0.0469 0.0484 e 0.400 - - 0.0157 - - e1 0.693 - - 0.0273 - - e2 0.346 - - 0.0136 - - F 0.405 - - 0.0159 - - G 0.281 - - 0.0111 - - N(3) 3. N is the total number of terminals. 55 |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |