| Zakładka z wyszukiwarką danych komponentów |
|
M24C08-R Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C08-R Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 38 page ![]() Signal description M24C16, M24C08, M24C04, M24C02, M24C01 8/38 Doc ID 5067 Rev 17 2 Signal description 2.1 Serial Clock (SCL) This input signal is used to strobe all data in and out of the device. In applications where this signal is used by slave devices to synchronize the bus to a slower clock, the bus master must have an open drain output, and a pull-up resistor can be connected from Serial Clock (SCL) to VCC. (Figure 5 indicates how the value of the pull-up resistor can be calculated). In most applications, though, this method of synchronization is not employed, and so the pull- up resistor is not necessary, provided that the bus master has a push-pull (rather than open drain) output. 2.2 Serial Data (SDA) This bidirectional signal is used to transfer data in or out of the device. It is an open drain output that may be wire-ORed with other open drain or open collector signals on the bus. A pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 5 indicates how the value of the pull-up resistor can be calculated). 2.3 Chip Enable (E0, E1, E2) These input signals are used to set the value that is to be looked for on the least significant bits of the 7-bit device select code. These inputs must be tied to VCC or VSS, to establish the device select code as shown in Figure 4. When not connected (left floating), Ei inputs are read as low (0). Figure 4. Device select code 2.3.1 Write Control (WC) This input signal is useful for protecting the entire contents of the memory from inadvertent write operations. Write operations are disabled to the entire memory array when Write Control (WC) is driven High. When unconnected, the signal is internally read as VIL, and Write operations are allowed. When Write Control (WC) is driven High, device select and address bytes are acknowledged, data bytes are not acknowledged. Ai11650 VCC M24Cxx VSS Ei VCC M24Cxx VSS Ei |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |