Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M24C16-R Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części M24C16-R
Szczegółowy opis  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-R Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button M24C16-R Datasheet HTML 3Page - STMicroelectronics M24C16-R Datasheet HTML 4Page - STMicroelectronics M24C16-R Datasheet HTML 5Page - STMicroelectronics M24C16-R Datasheet HTML 6Page - STMicroelectronics M24C16-R Datasheet HTML 7Page - STMicroelectronics M24C16-R Datasheet HTML 8Page - STMicroelectronics M24C16-R Datasheet HTML 9Page - STMicroelectronics M24C16-R Datasheet HTML 10Page - STMicroelectronics M24C16-R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Description
Doc ID 5067 Rev 17
7/38
Figure 2.
8-pin package connections (top view)
1.
NC = Not connected
2.
See Section 7: Package mechanical data for package dimensions, and how to identify pin-1.
3.
The Ei inputs are not decoded, and are therefore decoded as “0” (See Section 2.3: Chip Enable (E0, E1,
E2) for more information).
Figure 3.
WLCSP and thin WLCSP connections
(top view, marking side, with balls on the underside)
1.
For devices of less than 16Kb (see Figure 2: 8-pin package connections (top view)), the Ei inputs are not
connected to a ball, therefore the Ei input is decoded as "0" (see also Section 2.3: Chip Enable (E0, E1,
E2))
Caution:
EEPROM dice delivered in wafer form or in WLCSP package by STMicroelectronics must
never be exposed to ultra violet (UV) light, since EEPROM cells loose their charge (and so
their binary value) when exposed to UV light.
SDA
VSS
SCL
WC
VCC
AI02034F
M24Cxx
1
2
3
4
8
7
6
5
16Kb / 8Kb / 4Kb / 2Kb / 1Kb
NC / NC / NC / E0 / E0
NC / NC / E1 / E1 / E1
NC / E2 / E2 / E2 / E2
VCC
WC
SDA
SCL
VSS
ai14908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com