Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F103TBU6 Arkusz danych(PDF) 64 Page - STMicroelectronics

Numer części STM32F103TBU6
Szczegółowy opis  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103TBU6 Arkusz danych(HTML) 64 Page - STMicroelectronics

Back Button STM32F103TBU6 Datasheet HTML 60Page - STMicroelectronics STM32F103TBU6 Datasheet HTML 61Page - STMicroelectronics STM32F103TBU6 Datasheet HTML 62Page - STMicroelectronics STM32F103TBU6 Datasheet HTML 63Page - STMicroelectronics STM32F103TBU6 Datasheet HTML 64Page - STMicroelectronics STM32F103TBU6 Datasheet HTML 65Page - STMicroelectronics STM32F103TBU6 Datasheet HTML 66Page - STMicroelectronics STM32F103TBU6 Datasheet HTML 67Page - STMicroelectronics STM32F103TBU6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
64/105
Doc ID 13587 Rev 15
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 26 and Figure 27 for standard I/Os, and
in Figure 28 and Figure 29 for 5 V tolerant I/Os.
Figure 26.
Standard I/O input characteristics - CMOS port
Figure 27.
Standard I/O input characteristics - TTL port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More