| Zakładka z wyszukiwarką danych komponentów |
|
HT66F60 Arkusz danych(PDF) 13 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F60 Arkusz danych(HTML) 13 Page - Holtek Semiconductor Inc |
|
13 / 298 page ![]() Rev. 1.90 1� �e���a�� 18� �01� Rev. 1.90 1� �e���a�� 18� �01� HT66F20/HT66F30/HT66F40/HT66F50/HT66F60 HT66FU30/HT66FU40/HT66FU50/HT66FU60 Enhanced A/D Flash Type 8-Bit MCU with EEPROM HT66F20/HT66F30/HT66F40/HT66F50/HT66F60 HT66FU30/HT66FU40/HT66FU50/HT66FU60 Enhanced A/D Flash Type 8-Bit MCU with EEPROM Pin Assignment HT 66 F2 0 16 D IP -A /N SO P- A/ SSO P- A 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 PA 1/ TP 1 _0/ AN 1 PA 2/ TC K0 /C 0+ /A N2 PA 3/ IN T0 /C 0- /A N3 PA 4/ IN T1 /T CK 1/ AN 4 PA 5/ C1 X/ SD O/ AN 5 PA 6/ SD I/S DA /A N6 PA 7/ SC K/ SC L/ AN 7 PB 5/ SC S/ VR EF PA 0/ C0 X/ TP 0_0 /A N0 VSS&AVSS PB 4/ XT 2 PB 3/ XT 1 PB 2/ OS C2 PB 1/ OS C1 VD D& AV DD PB 0/ RE S 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 PA 1/ TP 1 _0/ AN 1 PA 2/ TC K0 /C 0+ /A N2 PA 3/ IN T0 /C 0- /A N3 PA 4/ IN T1 /T CK 1/ AN 4 PA 5/ C1 X/ SD O/ AN 5 PA 6/ SD I/S DA /A N6 PA 7/ SC K/ SC L/ AN 7 PB 5/ SC S/ VR EF PC 2/ PC K/ C1 +/ SC OM 2 PC 3/ PI NT /C 1- /S CO M3 PA 0/ C0 X/ TP 0_0 /A N0 VSS&AVSS PB 4/ XT 2 PB 3/ XT 1 PB 2/ OS C2 PB 1/ OS C1 VD D& AV DD PB 0/ RE S PC 1/ SC OM 1 PC 0/ TP 1_1/ SC OM 0 HT 66 F2 0 20 D IP -A /S OP -A /S SO P- A HT 66 F3 0 16 D IP -A /N SO P- A/ SSO P- A 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 PA 1/ TP 1A /A N1 PA 2/ TC K0 /C 0+ /A N2 PA 3/ IN T0 /C 0- /A N3 PA 4/ IN T1 /T CK 1/ AN 4 PA 5/ C1 X/ SD O/ AN 5 PA 6/ SD I/S DA /A N6 PA 7/ SC K/ SC L/ AN 7 PB 5/ SC S/ VR EF PA 0/ C0 X/ TP 0_0 /A N0 VSS&AVSS PB 4/ XT 2 PB 3/ XT 1 PB 2/ OS C2 PB 1/ OS C1 VD D& AV DD PB 0/ RE S 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 PA 1/ TP 1A /A N1 PA 2/ TC K0 /C 0+ /A N2 PA 3/ IN T0 /C 0- /A N3 PA 4/ IN T1 /T CK 1/ AN 4 PA 5/ C1 X/ SD O/ AN 5 PA 6/ SD I/ SD A/ AN 6 PA 7/ SC K/ SC L/ AN 7 PB 5/ SC S/ VR EF PC 2/ PC K/ C1 + PC 3/ PI NT /C 1- PA 0/ C0 X/ TP 0_0 /A N0 VSS&AVSS PB 4/ XT 2 PB 3/ XT 1 PB 2/ OS C2 PB 1/ OS C1 VD D& AV DD PB 0/ RE S PC 1/ TP 1B _1 /[ SD O] /S CO M1 PC 0/ TP 1B _0 /[S DI /S DA ]/ SC OM 0 HT 66 F3 0 20 D IP -A /S OP -A /S SO P- A 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 HT 66 F3 0 24 S KD IP -A /S OP -A / SSO P- A PA 0/ C0 X/ TP 0_0 /A N0 VSS&AVSS PB 4/ XT 2 PB 3/ XT 1 PB 2/ OS C2 PB 1/ OS C1 VD D& AV DD PB 0/ RE S PC 1/ TP 1B _1 /[ SD O] /S CO M1 PC 0/ TP 1B _0 /[S DI /S DA ]/ SC OM 0 PC 7/ [S CK /S CL ]/ SC OM 3 PC 6/ [S CS ]/ SC OM 2 PA 1/ TP 1A /A N1 PA 2/ TC K0 /C 0+ /A N2 PA 3/ IN T0 /C 0- /A N3 PA 4/ IN T1 /T CK 1/ AN 4 PA 5/ C1 X/ SD O/ AN 5 PA 6/ SD I/S DA /A N6 PA 7/ SC K/ SC L/ AN 7 PB 5/ SC S/ VR EF PC 2/ PC K/ C1 + PC 3/ PI NT /C 1- PC 4/ [P IN T] PC 5/ TP 0_1/ [P CK ] PA 1/ TP 1A /A N1 PA 2/ TC K0 /C 0+ /A N2 PA 3/ IN T0 /C 0- /A N3 PA 4/ IN T1 /T CK 1/ AN 4 PA 5/ C1 X/ SD O/ AN 5 PA 6/ SD I/S DA /A N6 PA 7/ SC K/ SC L/ AN 7 PB 5/ SC S/ VR EF PC 2/ TC K2 /P CK /C 1+ PC 3/ PI NT /T P 2_0/ C1 - PC 4 /[IN T0 ]/[ PI NT ]/ TP 2_1 PC 5 /[IN T1 ]/T P 0_1/ TP 1B _2/ [P CK ] PD 0 /[T CK 2] /[ SC S] PD 1 /[T P 2_0] /[S DO ]/[S CK /S CL ] 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 HT 66 F4 0 28 S KD IP -A /S OP -A /S SO P- A PA 0/ C0 X/ TP 0_0 /A N0 VSS&AVSS PB 4/ XT 2 PB 3/ XT 1 PB 2/ OS C2 PB 1/ OS C1 VD D& AV DD PB 0/ RE S PC 1/ TP 1B _1 /S CO M1 PC 0/ TP 1B _0 /S CO M0 PC 7 /[T P1 A ]/S CO M3 PC 6 /[T P 0_0] /S CO M2 PD 3 /[T CK 1] /[ SD O] PD 2 /[T CK 0 ]/[ SD I/S DA ] HT 66 F4 0 24 S KD IP -A /S OP -A / SSO P- A 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 PA 0/ C0 X/ TP 0_0 /A N0 VSS&AVSS PB 4/ XT 2 PB 3/ XT 1 PB 2/ OS C2 PB 1/ OS C1 VD D& AV DD PB 0/ RE S PC 1/ TP 1B _1 /S CO M1 PC 0/ TP 1B _0 /S CO M0 PC 7 /[T P1 A] /S CO M3 PC 6/ [T P 0_0] /S CO M2 PA 1/ TP 1A /A N1 PA 2/ TC K0 /C 0+ /A N2 PA 3/ IN T0 /C 0- /A N3 PA 4/ IN T1 /T CK 1/ AN 4 PA 5/ C1 X/ SD O/ AN 5 PA 6/ SD I/ SD A/ AN 6 PA 7/ SC K/ SC L/ AN 7 PB 5/ SC S/ VR EF PC 2/ TC K2 /P CK /C 1+ PC 3/ PI NT /T P 2_0/ C1 - PC 4/ [I NT 0 ]/[P IN T] /T P 2_1 PC 5/ [I NT 1 ]/T P 0_1/ TP 1B _2/ [P CK ] Note:1.Bracketedpinnamesindicatenon-defaultpinoutremappinglocations. 2.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,itspinnamesattherightsideofthe "/"signcanbeusedforhigherpriority. 3.VDD&AVDDmeanstheVDDandAVDDarethedoublebonding. |