| Zakładka z wyszukiwarką danych komponentów |
|
HT85F2270 Arkusz danych(PDF) 41 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT85F2270 Arkusz danych(HTML) 41 Page - Holtek Semiconductor Inc |
|
41 / 226 page ![]() Rev. 1.00 41 of ��6 �a� 1�� �01� Standard 8051 8-Bit Flash MCU HT85F2260/HT85F2270/HT85F2280 START �CU waits for memor� dump finished and then �CU continues to run. Flash memor� controller must be In unlocked state Write F�AR� Write F�AR1 Write F�AR0 F�CR Bit 0 = 1 and F�CR Bit 6 = 1 (*) Enter memor� dump procedure Write next page if desired �CU waits for b�te-writing finished and then �CU continues to run. F�CR Bit 7 = 1 Update the Page Buffer B� writing F�DR F�ARx reach the page boundar�? �ore Data? No Yes No Yes Check F�SR Bit 1 = 1 Yes No Byte Write Flowchart (FMCR.0=1, FMCR.6=1) |