| Zakładka z wyszukiwarką danych komponentów |
|
KBPC4001 Arkusz danych(PDF) 3 Page - First Components International |
|
|
|||||||||||||||||||||||||||||
KBPC4001 Arkusz danych(HTML) 3 Page - First Components International |
|
3 / 3 page ![]() Ordering Information FCIS KBPC Series of Bridges Can Be Ordered with Options on Terminals and Case Materials. How To Specify Case Material and Terminal Options: n For Metal Case, Order Suffix (1) M n For Plastic Case, Order Suffix (1) P n For Faston Terminals, Order Suffix (2) F n For Wire Lead Terminals, Order Suffix (2) W KBPC Series Examples To Order a 25 Amp, 400 Volt Bridge with Faston Leads and a Plastic Case: Specify - KBPC2504PF . . . Where P = Plastic and F = Faston Terminals Case - Metal or Molded Plastic Terminals - Plated .25" Faston or Plated Copper Wire Leads .040" Diameter Weight - 0.706 Ounces, 20 Grams Mounting Position - Any with Bolt Down with Silicone Thermal Compound Between Bridge and Mounting Surface for Optimum Heat Transfer Mounting Torque - 20 Inch Pound Max To Order a 35 Amp, 800 Volt Bridge with Wire Leads and a Metal Case: Specify - KBPC3508MW . . . Where M = Metal and W = Wire Leads (Terminals) To Order a 15 Amp, 200 Volt, UL Recognized Bridge with Wire Leads and a Plastic Case: Specify - KBPC1502PWU . . . Where P = Plastic and W = Wire Leads (Terminals) and U = UL Recognized NOTE: Fast Recovery Bridges (Diodes) Are Available; Please Contact FCI Components. KBPC - S Series Examples To Order Bridges with the In-Line Pin Configuration, Select the Current and Voltage Desired and Add S as the Suffix, as shown in the following example. To Order a 35 Amp, 800 Volt Bridge with In-Line Wire Leads: Specify - KBPC3508S . . . Where S = In-Line Wire Lead Terminals DC Out AC In 40 Amps Plastic case Silicon Bridge Rectifiers |