Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8330 Arkusz danych(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8330
Szczegółowy opis  LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS8330 Arkusz danych(HTML) 21 Page - Texas Instruments

Back Button ADS8330 Datasheet HTML 17Page - Texas Instruments ADS8330 Datasheet HTML 18Page - Texas Instruments ADS8330 Datasheet HTML 19Page - Texas Instruments ADS8330 Datasheet HTML 20Page - Texas Instruments ADS8330 Datasheet HTML 21Page - Texas Instruments ADS8330 Datasheet HTML 22Page - Texas Instruments ADS8330 Datasheet HTML 23Page - Texas Instruments ADS8330 Datasheet HTML 24Page - Texas Instruments ADS8330 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
FFT
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
f-Frequency-kHz
10kHzInput,
+VA =3V,
f =1MSPS,
V
=2.5V
s
ref
FFT
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
f-Frequency-kHz
100kHzInput,
+VA =3V,
f =1MSPS,
V
=2.5V
s
ref
FFT
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
f-Frequency-kHz
5kHzInput,
+VA =5V,
f =1MSPS,
V
=5V
s
ref
ADS8329
ADS8330
www.ti.com ................................................................................................................................................... SLAS516C – DECEMBER 2006 – REVISED JULY 2009
TYPICAL CHARACTERISTICS (continued)
Figure 46.
Figure 47.
Figure 48.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS8329 ADS8330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com