| Zakładka z wyszukiwarką danych komponentów |
|
LM317S/NOPB Arkusz danych(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM317S/NOPB Arkusz danych(HTML) 27 Page - Texas Instruments |
|
27 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM317EMP/NOPB ACTIVE SOT-223 DCY 4 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 125 N01A LM317EMPX/NOPB ACTIVE SOT-223 DCY 4 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM 0 to 125 N01A LM317H ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM 0 to 125 LM317HP+ LM317H/NOPB ACTIVE TO NDT 3 500 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM 0 to 125 LM317HP+ LM317K STEEL ACTIVE TO-3 NDS 2 50 TBD Call TI Call TI 0 to 125 LM317K STEELP+ LM317K STEEL/NOPB ACTIVE TO-3 NDS 2 50 Green (RoHS & no Sb/Br) POST-PLATE Level-1-NA-UNLIM 0 to 125 LM317K STEELP+ LM317MDT/NOPB ACTIVE TO-252 NDP 3 75 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 LM317 MDT LM317MDTX/NOPB ACTIVE TO-252 NDP 3 2500 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR 0 to 125 LM317 MDT LM317S/NOPB ACTIVE DDPAK/ TO-263 KTT 3 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR 0 to 125 LM317S P+ LM317SX/NOPB ACTIVE DDPAK/ TO-263 KTT 3 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR 0 to 125 LM317S P+ LM317T ACTIVE TO-220 NDE 3 45 TBD Call TI Call TI LM317T P+ LM317T/LF01 ACTIVE TO-220 NDG 3 45 Pb-Free (RoHS Exempt) CU SN Level-4-260C-72 HR LM317T P+ LM317T/NOPB ACTIVE TO-220 NDE 3 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM 0 to 125 LM317T P+ (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |