| Zakładka z wyszukiwarką danych komponentów |
|
STM32L151V8 Arkusz danych(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151V8 Arkusz danych(HTML) 88 Page - STMicroelectronics |
|
88 / 121 page ![]() Electrical characteristics STM32L151x6/8/B, STM32L152x6/8/B 88/121 Doc ID 17659 Rev 8 Figure 23. SPI timing diagram - master mode(1) 1. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. USB characteristics The USB interface is USB-IF certified (full speed). Table 50. USB startup time Symbol Parameter Max Unit tSTARTUP (1) 1. Guaranteed by design, not tested in production. USB transceiver startup time 1 µs ai14136 CPHA= 0 MOSI OUTPUT MISO INP UT CPHA= 0 MS BIN M SB OUT BI T6 IN LSB OUT LSB IN CPOL=0 CPOL=1 B I T1 OUT NSS input tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) th(MI) High CPHA=1 CPHA=1 CPOL=0 CPOL=1 tsu(MI) tv(MO) th(MO) |