| Zakładka z wyszukiwarką danych komponentów |
|
STM32L152VB Arkusz danych(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152VB Arkusz danych(HTML) 58 Page - STMicroelectronics |
|
58 / 121 page ![]() Electrical characteristics STM32L151x6/8/B, STM32L152x6/8/B 58/121 Doc ID 17659 Rev 8 Table 21. Current consumption in Low power sleep mode Symbol Parameter Conditions Typ Max (1) 1. Based on characterization, not tested in production, unless otherwise specified. Unit IDD (LP Sleep) Supply current in Low power sleep mode All peripherals OFF, VDD from 1.65 V to 3.6 V MSI clock, 65 kHz fHCLK = 32 kHz Flash OFF TA = -40 °C to 25 °C 4.4 µA MSI clock, 65 kHz fHCLK = 32 kHz Flash ON TA = -40 °C to 25 °C 17.5 25 TA = 85 °C 22 27 TA = 105 °C 31 39 MSI clock, 65 kHz fHCLK = 65 kHz, Flash ON TA = -40 °C to 25 °C 18 26 TA = 85 °C 23 28 TA = 105 °C 31 40 MSI clock, 131 kHz fHCLK = 131 kHz, Flash ON TA = -40 °C to 25 °C 22 30 TA = 55 °C 24 32 TA = 85 °C 26 34 TA = 105 °C 34 45 TIM9 and USART1 enabled, Flash ON, VDD from 1.65 V to 3.6 V MSI clock, 65 kHz fHCLK = 32 kHz TA = -40 °C to 25 °C 17.5 25 TA = 85 °C 22 27 TA = 105 °C 31 39 MSI clock, 65 kHz fHCLK = 65 kHz TA = -40 °C to 25 °C 18 26 TA = 85 °C 23 28 TA = 105 °C 31 40 MSI clock, 131 kHz fHCLK = 131 kHz TA = -40 °C to 25 °C 22 30 TA = 55 °C 24 32 TA = 85 °C 26 34 TA = 105 °C 34 45 IDD Max (LP Sleep) Max allowed current in Low power Sleep mode VDD from 1.65 V to 3.6 V 200 |